Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-DT065-200-WH Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TBU-DT065-200-WH
Description  TBU High Speed Protectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-DT065-200-WH Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TBU-DT065-200-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TBU-DT Series - TBU® High Speed Protectors
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Performance Graphs (Continued)
Power Derating Curve
Typical Resistance vs. Temperature
No additional PCB Cu (2 TBU® Protectors)
0.5 sq. in. additional PCB CU (2 TBU® Protectors)
No additional PCB Cu (1 TBU® Protector)
0.5 sq. in. additional PCB CU (1 TBU® Protector)
Junction Temperature (°C)
20
3.0
2.5
2.0
1.5
1.0
0.5
0.0
40
60
80
100
120
140
2.2
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)
Reflow Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.


Similar Part No. - TBU-DT065-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-DT065-200-WH BOURNS-TBU-DT065-200-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-DT065-200-WH BOURNS-TBU-DT065-200-WH Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
More results

Similar Description - TBU-DT065-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-PK050-100-WH BOURNS-TBU-PK050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com