Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNS04S0A0R06NFD Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DNS04S0A0R06NFD
Description  Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0R06NFD Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DNS04S0A0R06NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS_DNS04SIP06A_07172008
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1:
Converter efficiency vs. output current (3.3V out)
Figure 2:
Converter efficiency vs. output current (2.5V out)
Figure 3:
Converter efficiency vs. output current (1.8V out)
Figure 4:
Converter efficiency vs. output current (1.5V out)
Figure 5:
Converter efficiency vs. output current (1.2V out)
Figure 6:
Converter efficiency vs. output current (0.75V out)
90
91
92
93
94
95
96
97
98
123456
LOAD (A)
4.5V
5V
5.5V
84
86
88
90
92
94
96
98
123
456
LOAD (A)
3V
5V
5.5V
84
86
88
90
92
94
96
98
123456
LOAD (A)
2.8V
5V
5.5V
82
84
86
88
90
92
94
96
12
34
56
LOAD (A)
2.8V
5V
5.5V
80
82
84
86
88
90
92
94
12
34
56
LOAD (A)
2.8V
5V
5.5V
74
76
78
80
82
84
86
88
90
92
123
456
LOAD (A)
2.8V
5V
5.5V


Similar Part No. - DNS04S0A0R06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNS04S0A0R06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com