Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-301 Datasheet(PDF) 1 Page - Epson ToYoCom

Part # CA-301
Description  CYLINDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

CA-301 Datasheet(HTML) 1 Page - Epson ToYoCom

  CA-301_10 Datasheet HTML 1Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Epson Toyocom
Product Number (please contact us)
Q21CA3011xxxx00
MHz RANGE CRYSTAL UNIT
CYLINDER
CA - 301
•Frequency range
:
4 MHz to 64 MHz
•Thickness
:
φ3.1 mm Max.
•Overtone order
:
Fundamental
3rd overtone (30 MHz to 64 MHz)
•Applications
:
For Clock of integrated circuit
Specifications (characteristics)
Item
Symbol
Specification
Remarks
Nominal frequency range
f_nom
4.000 MHz to 29.999 MHz
Fundamental
*1
30.000 MHz to 64.000 MHz
3rd overtone
*2
Temperature
range
Storage temperature
T_stg
-40
°C to +85 °C
Store as bare product after unpacking
Operating temperature
T_use
-20
°C to +70 °C
The operating temperature range is
-10
°C to +60 °C for 5.5 MHz and below
Level of drive
DL
10
μW to 100 μW
Frequency tolerance (standard)
f_tol
±30 × 10-6(Under 5.5 MHz:±50 × 10-6, ±100 × 10-6) +25 °C
Frequency versus
temperature characteristics (standard)
f_tem
Under 5.5 MHz:
±50 × 10-6
-10
°C to +60 °C
Over 5.5 MHz: 30 × 10
-6
±
-20
°C to +70 °C
Load capacitance
CL
Fundamental:
10 pF to
∞.
Please specify
Overtone:
5 pF to
Motional resistance (ESR)
R1
As per below table
-20
°C to +70 °C, DL=100 μW
Frequency aging
f_age
±5 × 10-6 / year Max.
+25
°C, First year
*1
4.0 MHz
f_nom < 5.5 MHz : See “Available frequencies from 4.0 MHz to less than 5.5 MHz”. 8.0 MHz < f_nom < 8.2 MHz: Unavailable.
*2
26.000 MHz
f_nom <30.000 MHz :please contact us for inquiries for 3rd overtone mode.
Available frequencies from 4.0 MHz to less than 5.5 MHz
(MHz)
4.000
4.032
4.096
4.190
4.194304
4.433619
4.500
4.800
4.9152
Motional resistance (ESR)
Frequency (MHz)
4
≤ f_nom < 5.5 5.5 ≤ f_nom < 6
6
≤ f_nom < 10 10 ≤ f_nom < 12 12 ≤ f_nom < 16 16 ≤ f_nom < 30 30 ≤ f_nom ≤ 36 36 < f_nom ≤ 64
Motional resistance
150
Ω Max.
100
Ω Max.
80
Ω Max.
60
Ω Max.
50
Ω Max.
40
Ω Max.
100
Ω Max.
80
Ω Max.
Overtone order
Fundamental
3rd overtone
External dimensions
(Unit:mm)
.
L1
D1
L2
B
D2
200AM49
Frequency
L1
L2
D1
D2
B
Under 5.5 MHz
9.3 Max.
9.5 Min.
φ 3.1 Max.
φ 0.3
1.1
Over 5.5 MHz
8.9 Max.
9.5 Min.
φ 3.1 Max.
φ 0.3
1.1


Similar Part No. - CA-301_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301 Datasheet
288Kb / 2P
   CYLINDER
logo
Epson Company
CA-301 EPSON-CA-301 Datasheet
380Kb / 2P
   MHz RANGE CRYSTAL UNIT
More results

Similar Description - CA-301_10

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
C-001R EPSONTOYOCOM-C-001R Datasheet
258Kb / 1P
   CYLINDER
CA-301 EPSONTOYOCOM-CA-301 Datasheet
288Kb / 2P
   CYLINDER
logo
Festo Corporation.
DSNU-10-60-P-A FESTO-DSNU-10-60-P-A Datasheet
40Kb / 2P
   ISO cylinder
DSNU-12-60-P-A FESTO-DSNU-12-60-P-A Datasheet
41Kb / 2P
   ISO cylinder
DSNU-12-200-P-A FESTO-DSNU-12-200-P-A Datasheet
35Kb / 2P
   ISO cylinder
DSNU-16-15-P-A FESTO-DSNU-16-15-P-A Datasheet
45Kb / 2P
   ISO cylinder
DSNU-16-100-PPV-A FESTO-DSNU-16-100-PPV-A Datasheet
41Kb / 2P
   ISO cylinder
DSNU-16-160-PPV-A FESTO-DSNU-16-160-PPV-A Datasheet
39Kb / 2P
   ISO cylinder
DSNU-16-200-PPS-A FESTO-DSNU-16-200-PPS-A Datasheet
37Kb / 2P
   ISO cylinder
DSNU-25-50-PPS-A FESTO-DSNU-25-50-PPS-A Datasheet
87Kb / 2P
   ISO cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com