Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA-128 Datasheet(PDF) 1 Page - Epson ToYoCom

Part # FA-128
Description  ULTRA MINIATURE SIZE LOW PROFILE SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FA-128 Datasheet(HTML) 1 Page - Epson ToYoCom

  FA-128_10 Datasheet HTML 1Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Epson Toyocom
Product Number (please contact us)
Q22FA1280xxxx00
MHz RANGE CRYSTAL UNIT
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA - 128
•Nominal frequency range
:
24 MHz to 54 MHz
•External dimensions
:
2.0 × 1.6 × 0.5 t (mm)
•Overtone order
:
Fundamental
•Applications
:
Mobile phone, Bluetooth, W-LAN
:
ISM band radio, Clock for MPU
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
For RF Reference
For Clock
Nominal frequency range
f_nom
24.000 MHz to 54.000 MHz
Fundamental
Please contact us for inquiries regarding
the available frequencies.
Storage temperature range
T_stg
-40
°C to +125 °C
Store as bare product after unpacking
Operating temperature range
T_use
-40
°C to +85 °C
Level of drive
DL
100
μW Max.
200
μW Max.
Recommended: 1 to 100
μW
Frequency tolerance
(standard)
f_tol
±10 × 10-6
±30 × 10-6
+25
°C
For the out of standard specifications, please
contact us for inquiries.
Frequency versus
temperature characteristics
(standard)
f_tem
±10 × 10-6
±30 × 10-6
-20
°C to +75 °C
For the out of standard specifications, please
contact us for inquiries.
Load capacitance
CL
6 pF to
Please specify.
Motional resistance (ESR)
R1
As per below table
-20
°C to +75 °C
Frequency aging
f_age
±1 × 10-6 / year Max.
±5 × 10-6 / year Max. +25 °C, First year
Motional resistance (ESR)
Frequency
Motional resistance
24.0 MHz
≤ f_nom < 26.0 MHz
80
Ω Max.
26.0 MHz
≤ f_nom ≤ 54.0 MHz
60
Ω Max.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
1.45
0.95
0.85
1.15
2.0±0.1
#1
#4
#2
#3
Internal c onnection
(TO P VIEW )
#1
#4
#2
#3
0.65
0.6
2600M
E6 6 R A
#1
#4
#2
#3
C 0.2 M in.
#2 and #4 are conn ected to the co ve r.
(Please connect to ground)


Similar Part No. - FA-128_10

ManufacturerPart #DatasheetDescription
logo
ams AG
FA-128R AMSCO-FA-128R Datasheet
1Mb / 59P
   27MHz Low Power Star Network Transceiver
logo
Epson Company
FA-128S EPSON-FA-128S Datasheet
642Kb / 2P
   MHz RANGE CRYSTAL UNIT Built-in thermistor
More results

Similar Description - FA-128_10

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V_10 Datasheet
243Kb / 1P
   MINIATURE SIZE LOW PROFILE SMD
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5021BA EPSONTOYOCOM-TG-5021BA Datasheet
414Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
logo
List of Unclassifed Man...
FA-20H ETC2-FA-20H Datasheet
369Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128 Datasheet
363Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118T EPSONTOYOCOM-FA-118T Datasheet
524Kb / 2P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V Datasheet
422Kb / 2P
   MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com