Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3498 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N3498
Description  Type 2N3498 Geometry 5620 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3498 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N3498 Datasheet HTML 1Page - Semicoa Semiconductor 2N3498 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3498
Silicon NPN Transistor
Dat a Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N3498J)
• JANTX level (2N3498JX)
• JANTXV level (2N3498JV)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose
• Low power
• NPN silicon transistor
Features
• Hermetically sealed TO-39 metal can
• Also available in chip configuration
• Chip geometry 5620
• Reference document:
MIL-PRF-19500/366
Benefits
• Qualification Levels: JAN, JANTX, and
JANTXV
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
100
Volts
Collector-Base Voltage
VCBO
100
Volts
Emitter-Base Voltage
VEBO
6
Volts
Collector Current, Continuous
IC
500
mA
Power Dissipation, TA = 25
OC
Derate linearly above 25
OC
PT
1
5.71
W
mW/
°C
Thermal Resistance
RθJA
175
°C/W
Operating Junction Temperature
TJ
-65 to +200
°C
Storage Temperature
TSTG
-65 to +200
°C
Copyright
© 2004
Semicoa
Rev. H.2
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com


Similar Part No. - 2N3498

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3498 SEMICOA-2N3498 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3498 CENTRAL-2N3498 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3498 SEMICOA-2N3498 Datasheet
110Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498 Datasheet
111Kb / 3P
   RADIATION HARDENED
More results

Similar Description - 2N3498

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3499L SEMICOA-2N3499L Datasheet
45Kb / 2P
   Type 2N3499L Geometry 5620 Polarity NPN
2N3500L SEMICOA-2N3500L Datasheet
45Kb / 2P
   Type 2N3500L Geometry 5620 Polarity NPN
2N3499 SEMICOA-2N3499 Datasheet
46Kb / 2P
   Type 2N3499 Geometry 5620 Polarity NPN
2N3501L SEMICOA-2N3501L Datasheet
45Kb / 2P
   Type 2N3501L Geometry 5620 Polarity NPN
2C3501 SEMICOA-2C3501 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com