Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-3040LC Datasheet(PDF) 1 Page - Epson ToYoCom

Part # SG-3040LC
Description  CRYSTAL OSCILLATOR 32.768 kHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

SG-3040LC Datasheet(HTML) 1 Page - Epson ToYoCom

  SG-3040LC Datasheet HTML 1Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal oscillator
Epson Toyocom
Product Number (please contact us)
SG-3030LC : Q3102LC0xxxxxx00
SG-3030JF : Q3102JF0xxxxxx00
SG-3030JC : Q3102JC0xxxxxx00
SG-3040LC : Q3103LC0xxxxxx00
SG-3040JC : Q3103JC0xxxxxx00
CRYSTAL OSCILLATOR
32.768 kHz
SG - 3030LC / JF / JC
SG - 3040LC / JC
•Built-in 32.768 kHz crystal unit allows adjustment-free efficient operation.
•Use of C-MOS IC enables reduction of current consumption.
•VIO controls swing amplitude.
SG-3030JF
SG-3030LC
SG-3040LC
SG-3030JC
SG-3040JC
LC Type.
JF Type.
JC Type.
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
SG-3030LC / JF / JC
SG-3040LC / JC
Output frequency range
f0
32.768 kHz
Supply voltage
VCC
1.5 V to 5.5 V
0.9 V to 3.6 V
Interface power supply voltage
VIO
1.5 V to 5.5 V
0.9 V to 3.6 V
Temperature
range
Storage temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Operating temperature
T_use
-40
°C to +85 °C
Frequency tolerance
f_tol
5
±23 × 10-6
+25
°C,VCC=3.3 V (SG-3040: VCC=1.2 V)
Frequency temperature coefficient
fo-TC
+10
× 10-6 / -120 × 10-6
-20
°C to +70 °C (+25 °C is reference)
Frequency / voltage coefficient
fo-VCC
±2 × 10-6 / V Max.
±5 × 10-6 / V Max.
+25
°C
Current consumption
ICC
2
μA Max.
3.1
μA Max.
3.3 V, No load condition
Symmetry
SYM
45 % to 55 %
1/2 VCC(VIO)level (SG-3040: VIO=1.2 V to 3.6 V)
High output voltage
VOH
VIO-0.4 V Min.
IOH=-0.4 mA
(SG-3040: VIO=1.2 V to 3.6 V)
Low output voltage
VOL
0.4 V Max.
IOL= 0.4 mA
(SG-3040: VIO=1.2 V to 3.6 V)
Output load condition (CMOS)
L_CMOS
15 pF Max.
CMOS load
Rise time / Fall time
tr / tf
200 ns Max.
100 ns Max.
CMOS load:20 % VCC(VIO) to 80 % VCC(VIO)level
(SG-3040: VIO=1.2 V to 3.6 V)
Start-up time
t_str
1 s Max.
3 s Max.
Time at minimum Supply voltage to be 0 s
+25
°C (SG-3030: VCC= 2.0 V to 5.5 V)
Frequency aging
f_aging
±5 × 10-6 / year Max.
+25
°C, VCC= 3.3 V, First year
Unless otherwise stated, characteristics (specifications) shown in the above table are based on the rated operating temperature and voltage condition.
Block diagram
If V IO function is not used, connect #1 to V CC .
V CC
V I
V O
V COR E
R D
32.768 kHz
C D
C G
R F
V IO
G ND
OU T
External dimension
(Unit:mm)
SG-3030JF
Metal may be exposed on the top or bottom of this product. This will not affect any quality, reliability or electrical spec.
SG-3030LC / 3040LC
0 Min.
# 12
# 7
# 1
# 6
0.5
0.22
3.6 ± 0.2
E 3040
A123B
( 0.4 )
2.8 ± 0.2
5.08
0.4
0 Min.
(0.75)
(0.75)
Pin map
Pin
Connection
Pin
Connection
1
VIO
12
VCC
2
N.C.
11
N.C.
3
N.C.
10
N.C.
4
N.C.
9
N.C.
5
N.C.
8
N.C.
6
GND
7
OUT
Pin map
Pin
Connection
1
VIO
2
GND
3
OUT
4
VCC
SG-3030JC / 3040JC
3.6
(1.0)
(1.0)
0.51
5.08
0.05Min.
10.5 Max.
#1
#2
#4
#3
SG3030 B
E
8123A
Pin map
Pin
C onnection
1
VIO
2
GND
3
OUT
4
VCC
#1
7.1±0.2
SG3030 B
E 9245A
#2
#3
#4
Footprint (Recommended)
(Unit:mm)
2.5
2.77
0.5
1.8
5.08
1.3
5.08
SG-3030LC / 3040LC
SG-3030JF
SG-3030JC / 3040JC
0.27
To maintain stable operation, provide by-pass capacitor with more than 0.1
μF at a location as near as possible to the power source terminal of the crystal products (between VCC - GND).


Similar Part No. - SG-3040LC

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-3040LC EPSONTOYOCOM-SG-3040LC Datasheet
352Kb / 2P
   CRYSTAL OSCILLATOR
logo
Epson Company
SG-3040LC EPSON-SG-3040LC Datasheet
401Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
SG-3040LC EPSON-SG-3040LC Datasheet
401Kb / 1P
   CRYSTAL OSCILLATOR (SPXO)
More results

Similar Description - SG-3040LC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
   EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
EM7604 EMMICRO-EM7604 Datasheet
245Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
logo
Oscilent Corporation
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
   32.768 KHz Crystal
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
   32.768 KHz Crystal
logo
MICORO CRYSTAL SWITZERL...
DS-SERIES MICROCRYSTAL-DS-SERIES Datasheet
243Kb / 2P
   Watch Crystal 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
logo
MMD Components
WC26SM MMD-WC26SM Datasheet
54Kb / 1P
   32.768 KHz Clock Crystal
logo
Integrated Circuit Syst...
MK3200 ICST-MK3200 Datasheet
36Kb / 4P
   32.768 kHz Clock Oscillator
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
   SMD WATCH CRYSTAL 32.768 kHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com