Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESAC85-009R Datasheet(PDF) 3 Page - Fuji Electric

Part # ESAC85-009R
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESAC85-009R Datasheet(HTML) 3 Page - Fuji Electric

  ESAC85-009R_10 Datasheet HTML 1Page - Fuji Electric ESAC85-009R_10 Datasheet HTML 2Page - Fuji Electric ESAC85-009R_10 Datasheet HTML 3Page - Fuji Electric ESAC85-009R_10 Datasheet HTML 4Page - Fuji Electric ESAC85-009R_10 Datasheet HTML 5Page - Fuji Electric ESAC85-009R_10 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
3
ESAC85-009R
http://www.fujisemi.com
FUJI Diode
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Tj=150℃
Tj=125℃
Tj=100℃
Tj=25℃
Forward Characteristic
(typ.)
VF
Forward Voltage
(V)
0
10
20
30
40
50
60
70
80
90
100
110
10
-3
10
-2
10
-1
10
0
10
1
10
2
Tj=150℃
Tj=25℃
Tj=100℃
Tj=125℃
Reverse Characteristic
(typ.)
VR
Reverse Voltage
(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
1
2
3
4
5
6
7
8
Per 1element
DC
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
Square wave λ=60°
Forward Power Dissipation (max.)
Io
Average Output Current
(A)
0
20
40
60
80
100
0
5
10
15
20
Reverse Power Dissipation
(max.)
α=180°
DC
VR
Reverse Voltage
(V)
λ
360°
I0
α
360°
VR


Similar Part No. - ESAC85-009R_10

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAC85-009R FUJI-ESAC85-009R Datasheet
436Kb / 12P
   SILICON DIODE
More results

Similar Description - ESAC85-009R_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com