Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB6D0DN30QA Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KMB6D0DN30QA
Description  Dual N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB6D0DN30QA Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMB6D0DN30QA_08 Datasheet HTML 1Page - KEC(Korea Electronics) KMB6D0DN30QA_08 Datasheet HTML 2Page - KEC(Korea Electronics) KMB6D0DN30QA_08 Datasheet HTML 3Page - KEC(Korea Electronics) KMB6D0DN30QA_08 Datasheet HTML 4Page - KEC(Korea Electronics) KMB6D0DN30QA_08 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2008. 3. 21
1/5
SEMICONDUCTOR
TECHNICAL DATA
KMB6D0DN30QA
Dual N-Ch Trench MOSFET
Revision No : 1
GENERAL DESCRIPTION
This Trench MOSFET has better characteristics, such as fast switching
time, low on resistance, low gate charge and excellent avalanche
characteristics. It is mainly suitable for portable equipment and DC-DC
Converter Applications.
FEATURES
VDSS=30V, ID=6A.
Drain-Source ON Resistance.
RDS(ON)=28m
(Max.) @VGS=10V
RDS(ON)=42m
(Max.) @VGS=4.5V
Super High Dense Cell Design
High Power and Current Handing Capability
MAXIMUM RATING (Ta=25
Unless otherwise noted)
PIN CONNECTION (TOP VIEW)
1
2
3
4
8
7
6
5
S1
G1
S2
G2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
Note> *Surface Mounted on FR4 Board, t
10sec.
B2
G
H
B1
1
4
5
8
A
P
D
L
T
FLP-8
0.20+0.1/-0.05
T
P
1.27
MILLIMETERS
DIM
A
4.85
0.2
+
_
B1
3.94
0.2
+
_
B2
6.02
0.3
+
_
D
0.4
0.1
+
_
G
0.15+0.1/-0.05
H
1.63
0.2
+
_
L
0.65
0.2
+
_
CHARACTERISTIC
SYMBOL
PATING
UNIT
Drain Source Voltage
VDSS
30
V
Gate Source Voltage
VGSS
20
V
Drain Current
DC
ID *
6
A
Pulsed
IDP
30
A
Drain Source Diode Forward Current
IS
1.7
A
Drain Power Dissipation
25
PD *
2
W
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-50~150
Thermal Resistance, Junction to Ambient
RthJA*
62.5
/W
KMB6D0DN
30QA


Similar Part No. - KMB6D0DN30QA_08

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB6D0DN30QA KEC-KMB6D0DN30QA_15 Datasheet
381Kb / 5P
   Dual N-Ch Trench MOSFET
More results

Similar Description - KMB6D0DN30QA_08

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB4D5DN60QA KEC-KMB4D5DN60QA_15 Datasheet
769Kb / 4P
   Dual N-Ch Trench MOSFET
KMB4D5DN60QA KEC-KMB4D5DN60QA Datasheet
57Kb / 4P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QA KEC-KMB7D0DN40QA_09 Datasheet
86Kb / 5P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF1002 KODENSHI-SUF1002 Datasheet
353Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB7D0DN40QA KEC-KMB7D0DN40QA Datasheet
460Kb / 4P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF3001 KODENSHI-SUF3001 Datasheet
344Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMD6D0DN40Q KEC-KMD6D0DN40Q_15 Datasheet
378Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_15 Datasheet
381Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QB KEC-KMB6D0DN30QB Datasheet
380Kb / 5P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QB KEC-KMB7D0DN40QB Datasheet
839Kb / 5P
   Dual N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com