Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5613 Datasheet(PDF) 8 Page - Fuji Electric

Part # FA5613
Description  FUJI Power Supply Control IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5613 Datasheet(HTML) 8 Page - Fuji Electric

Back Button FA5613 Datasheet HTML 4Page - Fuji Electric FA5613 Datasheet HTML 5Page - Fuji Electric FA5613 Datasheet HTML 6Page - Fuji Electric FA5613 Datasheet HTML 7Page - Fuji Electric FA5613 Datasheet HTML 8Page - Fuji Electric FA5613 Datasheet HTML 9Page - Fuji Electric FA5613 Datasheet HTML 10Page - Fuji Electric FA5613 Datasheet HTML 11Page - Fuji Electric FA5613 Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
.0.08AN-049J Rev.1.0
AN-054E Rev.1.2
Apr.-2011
8
FA5612, FA5613
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(3) Electrical Characteristics (Unless otherwise specified, Vfb=2.5V, Vvcmp=2.5V, Vvdet=0V, Vis=0V, Vicmp=2.0V,
Vcc=18V, Rg=4.7kΩ, Tj=25°C)
“+” shows sink and “–“ shows source in current prescription.
Voltage amplifier (FB, VCMP pin)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Voltage feedback input threshold
Vref
Ivcmp = 0uA
2.450
2.500
2.550
V
Line regulation
Regline
Vfb = Vref, Vcc = 10V to 26V
- 12.5
-
12.5
mV
Temperature stability
VrefdT
Vfb = vref, Tj = - 30°C to 150°C
- 0.5
-
0.5
mV/°C
Transconductance
Gmv
Vfb = Vref ± 0.3V
70
90
120
µmho
Ivsrc
Source : Vfb = 1.5V
- 70
- 50
- 30
µA
VCMP output current
Ivsnk
Sink : Vfb = 3.5V
30
50
70
µA
VCMP output H voltage
Vvcmph
Vfb = 1.5V
-
-
5.5
V
VCMP transient response
output current
Iresp
Source : Vfb = 1.5V
- 170
- 140
- 110
µA
VCMP transient response
detection voltage
Vresp
0.902
*Vref
0.940
*Vref
0.978
*Vref
V
Current amplifier (ICMP pin)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Transconductance
Gmc
Vis= - 0.2V to - 0.4V, Vvdet *1
40
60
80
µmho
Icsrc
Source : Vvdet = 3.5V
- 70
- 50
- 30
µA
Output current
Icsnk
Sink : Vis = -2.0V,
30
50
70
µA
ICMP clamp voltage
Vclamp
Vicmp = 3.0V
Iicmp max = 320μA
2.6
2.7
2.9
V
*1 Vvdet is for when Vis = -0.3V, Iicmp = 0µA
Multiplier
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VDET input bias current
Ivdet
Vvdet = 0V,
- 1.5
-0.5
0
μA
VCMP threshold voltage
Vthvcmp
Vvdet = 2.4V
0.3
0.5
0.7
V
Output voltage coefficient
K
Vvcmp = 1V, Iicmp = 0μA
Vvdet = 0.3V, 1.3V
Vis = 0.1V to -0.2V
0.5
0.70
0.95
-
Oscillator
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency diffusion
(reference frequency)
Fswref
Vvdet = 0.88V, Vis = - 0.18V,
Vvcmp *1, Iicmp = 0µA,
54
60
66
kHz
Frequency
temperature stability
FswrefdT
Vvdet = 0.88V, Vis = - 0.18V,
Vvcmp *1,
Iicmp = 0µA,Tj=-30°C to 125°C
-0.06
-
0.06
kHz/°C
Frequency diffusion
(maximum frequency)
Fswmax
Vvcmp = 0V, Vvdet = 2.4V
64
68
70
kHz
Frequency diffusion,
(minimum frequency)
Fswmin
Vvcmp = 0V, Vvdet = 0V
50
52
55
kHz
Fixed frequency 1
Fsw1
Vout2 < Vout
54
60
66
kHz
Fixed frequency 2
Fsw2
Vout1 < Vout < Vout2
58.5
65
71.5
kHz
Maximum duty cycle
DMAX
Vvdet = 2.4V,
ICMP no connect
91
94
97
%
*1 Vvcmp is for when Vvdet = 0.88V, Vis = -0.18V, Iicmp = 0µA


Similar Part No. - FA5613

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA56-11 ETC-FA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Fuji Electric
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5605 FUJI-FA5605 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5606 FUJI-FA5606 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
More results

Similar Description - FA5613

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com