Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC6990CS6PBF Datasheet(PDF) 12 Page - Linear Technology

Part No. LTC6990CS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6990CS6PBF Datasheet HTML 8Page - Linear Technology LTC6990CS6PBF Datasheet HTML 9Page - Linear Technology LTC6990CS6PBF Datasheet HTML 10Page - Linear Technology LTC6990CS6PBF Datasheet HTML 11Page - Linear Technology LTC6990CS6PBF Datasheet HTML 12Page - Linear Technology LTC6990CS6PBF Datasheet HTML 13Page - Linear Technology LTC6990CS6PBF Datasheet HTML 14Page - Linear Technology LTC6990CS6PBF Datasheet HTML 15Page - Linear Technology LTC6990CS6PBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC6990
12
6990f
OPERATION
On start-up, the DIV pin A/D converter must determine the
correct DIVCODE before the output is enabled. If VDIV is
not stable, it will increase the start-up time as the converter
waits for a stable result. Therefore, capacitance on the DIV
pin should be minimized so it will settle quickly. Less than
100pF will not affect performance.
Output Enable
The OE pin controls the state of the LTC6990’s output as
seen on the OUT pin. Pulling the OE pin high enables the
oscillator output. Pulling it low disables the output. When
the output is disabled, it is either held low or placed in
a high impedance state as dictated by the Hi-Z bit value
(determined by the DIVCODE as described earlier). Table 2
summarizes the output control states.
Table 2. Output States
OE Pin
Hi-Z
OUT
1
X
Enabled, Output is Active
0
1
Disabled, Output is Hi-Z
0
0
Disabled, Output is Held Low
Figure 3 illustrates the timing for the OE function when
Hi-Z = 0. When OE is low, the output is disabled and OUT
is held low. Bringing OE high enables the output after a
delay, tENABLE, which synchronizes the enable to eliminate
sliver pulses and guarantee the correct width for the first
pulse. If NDIV = 1 or 2 this delay will be no longer than
the output period, tOUT. If NDIV > 2 the delay is limited to
twice the internal master oscillator period (or 2 • tMASTER).
Forcing OE low will bring OUT low after a propagation
delay, tPD. If the output is high when OE falls, the output
pulse will be truncated.
As shown in Figure 4, setting Hi-Z = 1 places the output in
a high-impedance state when OE = 0. This feature allows
for “wired-OR” connections of multiple devices. Driving OE
high enables the output. The output will usually be forced
low during this time, although it is possible for OUT to
transition directly from high-impedance to a high output,
depending on the timing of the OE transition relative to
the internal oscillator. Once high, the first output pulse
will have the correct width (unless truncated by bringing
OE low again).
Figure 3. OE Timing Diagram (Hi-Z = 0)
6990 F03
OE
OUT
tPD
tPD
tENABLE
tENABLE
tOUT
Figure 4. OE Timing Diagram (Hi-Z = 1)
6990 F04
OE
OUT
tPD
tPD
tPD
tPD
tENABLE
tENABLE
tOUT
Hi-Z


Similar Part No. - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990CS6-PBF LINER-LTC6990CS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6-TRPBF LINER-LTC6990CS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Linear Technology
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz