Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC6990CS6PBF Datasheet(PDF) 15 Page - Linear Technology

Part No. LTC6990CS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6PBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6990CS6PBF Datasheet HTML 11Page - Linear Technology LTC6990CS6PBF Datasheet HTML 12Page - Linear Technology LTC6990CS6PBF Datasheet HTML 13Page - Linear Technology LTC6990CS6PBF Datasheet HTML 14Page - Linear Technology LTC6990CS6PBF Datasheet HTML 15Page - Linear Technology LTC6990CS6PBF Datasheet HTML 16Page - Linear Technology LTC6990CS6PBF Datasheet HTML 17Page - Linear Technology LTC6990CS6PBF Datasheet HTML 18Page - Linear Technology LTC6990CS6PBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC6990
15
6990f
APPLICATIONS INFORMATION
Start-Up Behavior
When first powered up, the output is high impedance. If
the output is enabled (OE = 1) at the end of the start-up
time, the output will go low for one tMASTER cycle (or half
a tOUT cycle if NDIV < 4) before the first rising edge. If the
output is disabled (OE = 0) at the end of the start-up time,
the output will drop to a low output if the Hi-Z bit = 0, or
simply remain floating if Hi-Z = 1.
Basic Fixed Frequency Operation
The simplest and most accurate method to program the
LTC6990 for fixed frequency operation is to use a single
resistor, RSET, between the SET and GND pins. The design
procedure is a simple two step process. First select the NDIV
value and then calculate the value for the RSET resistor.
Step 1: Selecting the NDIV Frequency Divider Value
As explained earlier, the voltage on the DIV pin sets the
DIVCODE which determines both the Hi-Z bit and the
NDIV value. For a given output frequency, NDIV should be
selected to be within the following range.
62.5kHz
fOUT
≤ NDIV
1MHz
fOUT
(1a)
To minimize supply current, choose the lowest NDIV value
(generally recommended). For faster start-up or decreased
jitter, choose a higher NDIVsetting.Alternatively,useTable1
as a guide to select the best NDIV value for the given ap-
plication. After choosing the value for NDIV, use Table 1 to
select the proper resistor divider or VDIV/V+ ratio to apply
to the DIV pin.
Step 2: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using the following equation.
RSET =
1MHz • 50k
NDIV •fOUT
(1b)
Select the standard resistor value closest to the calculated
value.
Example: Design a 20kHz Oscillator with Minimum
Power Consumption
Step 1: Selecting the NDIV Frequency Divider Value
First, choose an NDIV value that meets the requirements
of Equation (1a).
3.125 ≤ NDIV ≤ 50
Potential settings for NDIV include 4, 8, 16, and 32. NDIV = 4
is the best choice, as it minimizes supply current by using
a large RSET resistor. Using Table 1, choose the R1 and R2
values to program DIVCODE to either 2 or 13, depending
on the desired behavior when the output is disabled.
Step 2: Select RSET
Calculate the correct value for RSET using Equation (1b).
RSET =
1MHz • 50k
4 • 20kHz
= 625k
Since 625k is not available as a standard 1% resistor,
substitute 619k if a 0.97% frequency shift is acceptable.
Otherwise, select a parallel or series pair of resistors such
as 309k and 316k to attain a more precise resistance.
Frequency Modulated Operation (Voltage-Controlled
Oscillator)
Operating the LTC6990 as a voltage-controlled oscillator in
its simplest form is achieved with one additional resistor. As
shown in Figure 11, voltage VCTRL sources/sinks a current
through RVCO to vary the ISET current, which in turn modu-
lates the output frequency as described in Equation (2).
fOUT =
1MHz • 50k
NDIV •RVCO
•1+
RVCO
RSET
VCTRL
VSET
⎝⎜
⎠⎟
(2)
Figure 11. Voltage Controlled Oscillator
6990 F08
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1μF
R1
R2
RSET
V+
V+
RVCO
VCTRL


Similar Part No. - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990CS6-PBF LINER-LTC6990CS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6-TRPBF LINER-LTC6990CS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Linear Technology
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz