Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6990CS6PBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6990CS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6PBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6990CS6PBF Datasheet HTML 13Page - Linear Technology LTC6990CS6PBF Datasheet HTML 14Page - Linear Technology LTC6990CS6PBF Datasheet HTML 15Page - Linear Technology LTC6990CS6PBF Datasheet HTML 16Page - Linear Technology LTC6990CS6PBF Datasheet HTML 17Page - Linear Technology LTC6990CS6PBF Datasheet HTML 18Page - Linear Technology LTC6990CS6PBF Datasheet HTML 19Page - Linear Technology LTC6990CS6PBF Datasheet HTML 20Page - Linear Technology LTC6990CS6PBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC6990
17
6990f
Figure 12. VCO Transfer Function
VCTRL (V)
1
100
80
40
20
60
0
2
6990 F12
4
3
APPLICATIONS INFORMATION
The accuracy of KVCO does depend on VSET because the
output frequency is controlled by the ratio of VCTRL to
VSET. The frequency error (in Hertz) due to ΔVSET is ap-
proximated by:
ΔfOUT ≅KVCO •VCTRL
ΔVSET
VSET
As the equation indicates, the potential for error in output
frequency due to VSET error increases with KVCO and is
at its largest when VCTRL is at its maximum. Recall that
when VCTRL is at its maximum, the output frequency is at
its minimum. With the maximum absolute frequency error
(in Hertz) occurring at the lowest output frequency, the
relative frequency error (in percent) can be significant.
VSET is nominally 1.0V with a maximum error of ±30mV
for at most a ±3% error term. However, this ±3% potential
error term is multiplied by both VCTRL and KVCO. Wide fre-
quency range applications (high KVCO) can have frequency
errors greater than ±50% at the highest VCTRL voltage
(lowest fOUT). For this reason the simple, two resistor VCO
circuit must be used with caution for applications where
the frequency range is greater than 4:1. Restricting the
range to 4:1 typically keeps the frequency error due to
VSET variation below 10%.
For wide frequency range applications, the non-inverting
VCO circuit shown in Figure 13 is preferred because the
maximum frequency error occurs when the frequency
is highest, keeping the relative error (in percent) much
smaller.
Example: Design a VCO with the Following Parameters
fOUT(MAX) = 100kHz at VCTRL(MIN) = 1V
fOUT(MIN) = 10kHz at VCTRL(MAX) = 4V
Step 1: Select the NDIV Value
First, choose an NDIV that meets the requirements of
Equation (3a).
6.25 ≤ NDIV ≤ 10
The application’s desired frequency range is 10:1, which
isn’t always possible. However, in this case NDIV = 8 meets
both requirements of Equation (3).
Step 2: Calculate KVCO and f(0V)
Next, calculate the intermediate values KVCO and f(0V) using
Equations (3b) and (3c).
KVCO =
100kHz − 10kHz
4V − 1V
= 30kHz/V
f(0V) =100kHz + 30kHz/V •1V =130kHz
Step 3: Calculate and Select RVCO
The next step is to use Equation (3d) to calculate the cor-
rect value for RVCO.
RVCO =
1MHz • 50k
8•1V • 30kHz/V
= 208.333k
Select RVCO = 210k.
Step 4: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using Equation (3e).
RSET =
1MHz • 50k
8 • 130kHz − 1V • 30kHz/V
(
)
= 62.5k
Select RSET = 61.9k
In this design example, with its wide 10:1 frequency range,
the potential output frequency error due to VSET error alone
ranges from less than ±1% when VCTRL is at its minimum
up to ±36% when VCTRL is at its maximum. This error
must be accounted for in the system design.


Similar Part No. - LTC6990CS6PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990CS6-PBF LINER-LTC6990CS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6-TRPBF LINER-LTC6990CS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com