Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC6990CS6PBF Datasheet(PDF) 20 Page - Linear Technology

Part No. LTC6990CS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6PBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6990CS6PBF Datasheet HTML 16Page - Linear Technology LTC6990CS6PBF Datasheet HTML 17Page - Linear Technology LTC6990CS6PBF Datasheet HTML 18Page - Linear Technology LTC6990CS6PBF Datasheet HTML 19Page - Linear Technology LTC6990CS6PBF Datasheet HTML 20Page - Linear Technology LTC6990CS6PBF Datasheet HTML 21Page - Linear Technology LTC6990CS6PBF Datasheet HTML 22Page - Linear Technology LTC6990CS6PBF Datasheet HTML 23Page - Linear Technology LTC6990CS6PBF Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC6990
20
6990f
APPLICATIONS INFORMATION
Modulation Bandwidth and Settling Time
The LTC6990 will respond to changes in ISET up to a –3dB
bandwidth of 0.4 • fOUT (see Figure 15). This makes it easy
to stabilize a feedback loop around the LTC6990, since it
does not introduce a low-frequency pole.
Settling time depends on the master oscillator frequency.
Following a 2x or 0.5x step change in ISET, the output
frequency takes approximately six master clock cycles
(6 • tMASTER) to settle to within 1% of the final value. An
example is shown in Figure 16.
Power Supply Current
The power supply current varies with frequency, supply
voltage and output loading. It can be estimated under any
condition using the following equation:
IS(TYP) ≈ V+•fMASTER •7pF + V+•fOUT•(13pF +CLOAD)
+ V
+
480kΩ
+
V+
2•RLOAD
+ 1.75 •ISET + 50µA
The equation is also valid for OE = 0 (output disabled),
with fOUT = 0Hz.
Figure 15. Modulation Frequency Response
Figure 16. Settling Time
fMOD/fOUT (Hz/Hz)
0.1
0
–20
–30
–10
–40
1
6990 F15
10
VCTRL = 0.536V + 0.278V
• SIN(2π•fMOD•t)
fOUT =18.75kHz ±10%
–3dB AT 0.4•fOUT
RSET = 200k
RVCO = 464k
DIVCODE = 4(÷16)
10μs/DIV
6990 F16
VCTRL
2V/DIV
fOUT
50kHz/DIV
OUT
2V/DIV
V+ = 3.3V, DIVCODE = 0
RSET = 200k, RVCO = 464k
fOUT = 175kHz AND 350kHz


Similar Part No. - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990CS6-PBF LINER-LTC6990CS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6-TRPBF LINER-LTC6990CS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Linear Technology
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com