Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC6990CS6PBF Datasheet(PDF) 23 Page - Linear Technology

Part No. LTC6990CS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6PBF Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6990CS6PBF Datasheet HTML 19Page - Linear Technology LTC6990CS6PBF Datasheet HTML 20Page - Linear Technology LTC6990CS6PBF Datasheet HTML 21Page - Linear Technology LTC6990CS6PBF Datasheet HTML 22Page - Linear Technology LTC6990CS6PBF Datasheet HTML 23Page - Linear Technology LTC6990CS6PBF Datasheet HTML 24Page - Linear Technology LTC6990CS6PBF Datasheet HTML 25Page - Linear Technology LTC6990CS6PBF Datasheet HTML 26Page - Linear Technology LTC6990CS6PBF Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC6990
23
6990f
TYPICAL APPLICATIONS
Speaker Alarm. Modulate Tone with RVCO within 500Hz to 8kHz Span
6990 TA05
LTC6990
OE
GND
SET
OUT
V+
DIV
1M
887k
97.6k
STEP
RAMP
5V
5V
RVCO
20k
5V
50k
2N2222
IN4004
Overvoltage Detector/Alarm. Direct Drive of Piezo Alarm
6990 TA06
LTC6990
5V
24V
OE
GND
SET
OUT
V+
DIV
1M
PIEZO ALARM
4kHz
MURATA
PKM29-3A0
100k
523k
392k
RB
10.7k
RA
787k
5V
400mV
+
LT6703-3
VALARM 400mV 1
RA
RB
30V
6990 TA07
LTC6990
5V
OE
GND
SET
OUT
V+
DIV
1M
PIEZO ALARM
MURATA
PKM29-340
f = 4kHz
10k
ON
OFF
523k
392k
5V
Direct Piezo Alarm Driver. Adjust Frequency for Maximum Alarm Sound Pressure
(Maximum Annoyance for Best Effect)


Similar Part No. - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990CS6-PBF LINER-LTC6990CS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6-TRPBF LINER-LTC6990CS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Linear Technology
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz