Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC6990CS6PBF Datasheet(PDF) 4 Page - Linear Technology

Part No. LTC6990CS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC6990CS6PBF Datasheet HTML 1Page - Linear Technology LTC6990CS6PBF Datasheet HTML 2Page - Linear Technology LTC6990CS6PBF Datasheet HTML 3Page - Linear Technology LTC6990CS6PBF Datasheet HTML 4Page - Linear Technology LTC6990CS6PBF Datasheet HTML 5Page - Linear Technology LTC6990CS6PBF Datasheet HTML 6Page - Linear Technology LTC6990CS6PBF Datasheet HTML 7Page - Linear Technology LTC6990CS6PBF Datasheet HTML 8Page - Linear Technology LTC6990CS6PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC6990
4
6990f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, OE = V+, DIVCODE = 0 to 15
(NDIV = 1 to 128), RSET = 25k to 800k, RLOAD = ∞, CLOAD = 5pF unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6990C is guaranteed functional over the operating
temperature range of –40°C to 85°C.
Note 3: The LTC6990C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6990C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but it is not tested or
QA sampled at these temperatures. The LTC6990I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6990H is guaranteed
to meet specified performance from –40°C to 125°C.
Note 4: Frequency accuracy is defined as the deviation from the fOUT
equation, assuming RSET is used to program the frequency.
Note 5: See Operation section, Table 1 and Figure 2 for a full explanation
of how the DIV pin voltage selects the value of DIVCODE.
Note 6: The OE pin has hysteresis to accommodate slow rising or falling
signals. The threshold voltages are proportional to V+. Typical values can
be estimated at any supply voltage using VOE(RISING) ≈ 0.55 • V+ + 185mV
and VOE(FALLING) ≈ 0.48 • V+ – 155mV.
Note 7: To conform to the Logic IC Standard, current out of a pin is
arbitrarily given a negative value.
Note 8: Output rise and fall times are measured between the 10% and the
90% power supply levels with 5pF output load. These specifications are
based on characterization.
Note 9: Settling time is the amount of time required for the output to settle
within ±1% of the final frequency after a 0.5x or 2x change in ISET.
Note 10: Jitter is the ratio of the deviation of the period to the mean of the
period. This specification is based on characterization and is not 100%
tested.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O
OE Pin Input Capacitance
2.5
pF
OE Pin Input Current
OE = 0V to V+
l
±10
nA
VIH
High Level OE Pin Input Voltage
(Note 6)
l
0.7•V+
V
VIL
Low Level OE Pin Input Voltage
(Note 6)
l
0.3•V+
V
OUT Pin Hi-Z Leakage
OE = 0V, DIVCODE ≥ 8, OUT = 0V to V+
±10
μA
IOUT(MAX)
Maximum Output Current
±20
mA
VOH
High Level Output Voltage
(Note 7)
V+ = 5.5V
IOH = –1mA
IOH = –16mA
l
l
5.45
4.84
5.48
5.15
V
V
V+ = 3.3V
IOH = –1mA
IOH = –10mA
l
l
3.24
2.75
3.27
2.99
V
V
V+ = 2.25V
IOH = –1mA
IOH = –8mA
l
l
2.17
1.58
2.21
1.88
V
V
VOL
Low Level Output Voltage
(Note 7)
V+ = 5.5V
IOL = 1mA
IOL = 16mA
l
l
0.02
0.26
0.04
0.54
V
V
V+ = 3.3V
IOL = 1mA
IOL = 10mA
l
l
0.03
0.22
0.05
0.46
V
V
V+ = 2.25V
IOL = 1mA
IOL = 8mA
l
l
0.03
0.26
0.07
0.54
V
V
tPD
Output Disable Propagation Delay
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
17
26
44
ns
ns
ns
tENABLE
Output Enable Time
NDIV ≤ 2, tOUT = 1/fOUT
NDIV ≥ 4, tMASTER = tOUT/NDIV
tPD to tOUT
tPD to 2•tMASTER
μs
μs
tr
Output Rise Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.1
1.7
2.7
ns
ns
ns
tf
Output Fall Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.0
1.6
2.4
ns
ns
ns


Similar Part No. - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990CS6-PBF LINER-LTC6990CS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6-TRPBF LINER-LTC6990CS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Linear Technology
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz