Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC6990CS6PBF Datasheet(PDF) 5 Page - Linear Technology

Part No. LTC6990CS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6990CS6PBF Datasheet HTML 1Page - Linear Technology LTC6990CS6PBF Datasheet HTML 2Page - Linear Technology LTC6990CS6PBF Datasheet HTML 3Page - Linear Technology LTC6990CS6PBF Datasheet HTML 4Page - Linear Technology LTC6990CS6PBF Datasheet HTML 5Page - Linear Technology LTC6990CS6PBF Datasheet HTML 6Page - Linear Technology LTC6990CS6PBF Datasheet HTML 7Page - Linear Technology LTC6990CS6PBF Datasheet HTML 8Page - Linear Technology LTC6990CS6PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC6990
5
6990f
TYPICAL PERFORMANCE CHARACTERISTICS
VSET vs ISET
VSET vs Supply Voltage
VSET vs Temperature
Frequency Error vs RSET
Frequency Error
vs Supply Voltage
Frequency Error vs Temperature
V+ = 3.3V, unless otherwise noted.
RSET (kΩ)
6990 G01
4
3
2
1
–1
–2
–3
0
–4
10
100
1000
TA = 25°C
GUARANTEED MAX
OVER TEMPERATURE
GUARANTEED MIN
OVER TEMPERATURE
TYPICAL MAX
90% OF UNITS
TYPICAL MIN
SUPPLY VOLTAGE (V)
6990 G02
0.5
0.4
0.3
0.1
0.2
–0.1
–0.2
–0.3
0
–0.5
–0.4
24
35
6
TA = 25°C
RSET = 800k
RSET = 200k
RSET = 50k
ISET (μA)
6990 G04
1.003
1.002
1.001
1.000
020
10
30
40
V+ = 3.3V
TA = 25°C
SUPPLY VOLTAGE (V)
6990 G05
1.003
1.002
1.001
1.000
24
35
6
RSET = 200k
TA = 25°C
TEMPERATURE (°C)
6990 G06
1.020
1.005
1.000
1.010
1.015
0.995
0.990
0.985
0.980
–50
75
50
025
–25
100
125
RSET = 200k
3 TYPICAL PARTS
TEMPERATURE (°C)
6990 G03
1.5
0.5
1.0
0.0
–0.5
–1.0
–1.5
–50
–25
25
50
0
100
75
125
V+ = 3.3V
DIVCODE = 4
RSET = 50k
RSET = 267k
RSET = 800k
Typical VSET Distribution
Supply Current vs Supply Voltage
Supply Current vs Temperature
VSET (V)
6990 G07
300
150
100
200
250
50
0
0.986
1.002
0.994
1.010
1.018
TA = 25°C
2 LOTS
DFN AND SOT-23
1416 UNITS
SUPPLY VOLTAGE (V)
6990 G05
250
150
100
50
200
0
24
35
6
TA = 25°C
RSET = 800k, ÷1
RSET = 800k, ÷128
RSET = 50k, ÷1
RSET = 50k, ÷2
RSET = 50k, ÷128
TEMPERATURE (°C)
6990 G09
250
100
50
150
200
0
–50
75
50
025
–25
100
125
5.5V, RSET = 800k, ÷1
2.25V, RSET = 800k, ÷128
5.5V, RSET = 50k, ÷1
2.25V, RSET = 50k, ÷1
5.5V, RSET = 50k, ÷128


Similar Part No. - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990CS6-PBF LINER-LTC6990CS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6-TRPBF LINER-LTC6990CS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6PBF

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Linear Technology
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz