Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V130LA5P Datasheet(PDF) 3 Page - Littelfuse

Part # V130LA5P
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V130LA5P Datasheet(HTML) 3 Page - Littelfuse

  V130LA5P Datasheet HTML 1Page - Littelfuse V130LA5P Datasheet HTML 2Page - Littelfuse V130LA5P Datasheet HTML 3Page - Littelfuse V130LA5P Datasheet HTML 4Page - Littelfuse V130LA5P Datasheet HTML 5Page - Littelfuse V130LA5P Datasheet HTML 6Page - Littelfuse V130LA5P Datasheet HTML 7Page - Littelfuse V130LA5P Datasheet HTML 8Page - Littelfuse V130LA5P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Part
Number
Branding
Model Size
Disc Dia.
(mm)
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor
Voltage at
1mA
DC Test
Current
Maximum
Clamping
Voltage
8 x 20 μs
Typical
Capaci-
tance f =
1MHz
V
RMS
V
DC
Energy 10
x 1000μs
Peak
Current 8
x 20μs
V
M(AC)
V
M(DC)
W
TM
I
TM
V
NOM
Min
V
NOM
Max
V
C
I
PK
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V385LA40BP
P385L40
20
385
505
160
6500
558
682
1025
100
700
V420LA7P
P4207
7
420
560
30
1200
610
748
1120
10
55
V420LA10P
P420L
10
420
560
55
2500
610
748
1120
25
140
V420LA20AP
P420L20
14
420
560
90
4500
610
748
1120
50
300
V420LA40BP
P420L40
20
420
560
160
6500
610
720
1060
100
600
V460LA7P
P4607
7
460
615
37
1200
640
790
1190
10
55
V460LA10P
P460L
10
460
615
56
2500
640
790
1190
25
120
V460LA20AP
P460L20
14
460
615
100
4500
640
790
1190
50
280
V460LA40BP
P460L40
20
460
615
170
6500
640
756
1110
100
560
V480LA7P
P4807
7
480
640
35
1200
670
825
1240
10
50
V480LA10P
P480L
10
480
640
60
2500
670
825
1240
25
120
V480LA40AP
P480L40
14
480
640
105
4500
670
825
1240
50
270
V480LA80BP
P480L80
20
480
640
180
6500
670
790
1160
100
550
V510LA10P
P510L
10
510
675
63
2500
735
910
1350
25
100
V510LA40AP
P510L40
14
510
675
110
4500
735
910
1350
50
250
V510LA80BP
P510L80
20
510
675
190
6500
735
860
1280
100
500
V575LA10P
P575L
10
575
730
65
2500
805
1000
1500
25
90
V575LA40AP
P575L40
14
575
730
120
4500
805
1000
1500
50
220
V575LA80BP
P575L80
20
575
730
220
6500
805
960
1410
100
450
V625LA10P
P625L
10
625
825
67
2500
900
1100
1650
25
80
V625LA40AP
P625L40
14
625
825
125
4500
900
1100
1650
50
210
V625LA80BP
P625L80
20
625
825
230
6500
900
1100
1650
100
425
V680LA10P
P680L
10
680
875
75
2500
990
1240
1875
25
65
V680LA80AP
P680L80
14
680
875
145
4500
990
1240
1875
50
190
V680LA100BP
P680L100
20
680
875
260
6500
990
1130
1700
100
380
V660LA10P
P660L
10
660
850
70
2500
940
1210
1820
25
70
V660LA50AP
P660L50
14
660
850
140
4500
940
1210
1820
50
200
V660LA100BP
P660L100
20
660
850
250
6500
940
1100
1650
100
400
V1000LA80AP
P1000L8
14
1000
1200
220
4500
1425
1800
2700
50
130
V1000LA160BP
P1000L16
20
1000
1200
360
6500
1425
1600
2420
100
250
LA Series Ratings & Specifications (Continued...)
NOTE: Average power dissipation of transients not to exceed 0.25W, 0.4W, 0.6W or 1W for model sizes 7mm, 10mm, 14mm and 20mm, respectively.
Phenolic Coating Option -- LA Series Varistors for Hi-Temperature Operating Conditions:
Phenolic–coated LA Series devices are available with improved maximum operating maximum temperature 125°C.
These devices also have improved temperature cycling performance capability.
Ratings and Specifications are as per standard LA Series except Hi–Pot Encapsulation (Isolation Voltage Capability) = 500V.
These devices are not UL, CSA, VDE or CECC certified.
To order: add X1347 to end of part number (e.g. V230LA20APX1347)
Product Marking:
LF 9
P175P10
YYWW
Pholenic Coated
Option
Identifier
Lead-Free,
Halogen-Free
& RoHS Compliant
Indicator


Similar Part No. - V130LA5P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA5P LITTELFUSE-V130LA5P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V130LA5P LITTELFUSE-V130LA5P Datasheet
1Mb / 13P
   LA Varistor Series
V130LA5P LITTELFUSE-V130LA5P Datasheet
1Mb / 13P
   LA Varistor Series
V130LA5P LITTELFUSE-V130LA5P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V130LA5P LITTELFUSE-V130LA5P Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V130LA5P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com