Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7711V Datasheet(PDF) 8 Page - Fuji Electric

Part # FA7711V
Description  FUJI Power Supply Control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7711V Datasheet(HTML) 8 Page - Fuji Electric

Back Button FA7711V Datasheet HTML 4Page - Fuji Electric FA7711V Datasheet HTML 5Page - Fuji Electric FA7711V Datasheet HTML 6Page - Fuji Electric FA7711V Datasheet HTML 7Page - Fuji Electric FA7711V Datasheet HTML 8Page - Fuji Electric FA7711V Datasheet HTML 9Page - Fuji Electric FA7711V Datasheet HTML 10Page - Fuji Electric FA7711V Datasheet HTML 11Page - Fuji Electric FA7711V Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AN-060E Rev.1.0
Jun-2010
8
FA7711V
Fuji Electric Systems Co., Ltd.
http://www.fujielectric.co.jp/fdt/scd/
(5)Pulse width modulation section (FB1,FB2,FB3 pin)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
VFB3D20N
DUTY3=20%,VCS3=VREF
1.5
V
Threshold voltage (FB3)
(Driving Nch-MOSFET)
VFB3D80N
DUTY3=80%,VCS3=VREF
2.1
V
VFB1/3D20P
DUTY1/3=20%,VCS1/3=VREF
1.5
V
Threshold voltage (FB1/3)
(Driving Pch-MOSFET)
VFB1/3D80P
DUTY1/3=80%,VCS1/3=VREF
2.1
V
VFB2D20N
DUTY2=20%,VCS2=0V
2.1
V
Threshold voltage (FB2)
(Driving Nch-MOSFET)
VFB2D80N
DUTY2=80%,VCS2=0V
1.5
V
VFB2D20P
DUTY2=20%,VCS2=0V
2.1
V
Threshold voltage (FB2)
(Driving Pch-MOSFET)
VFB2D80P
DUTY2=80%,VCS2=0V
1.5
V
(6)Under voltage lockout section (VCC pin)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
ON threshold voltage of VCC
VUVLOON
2.6
3.3
4.0
V
Hysteresis voltage
VUVLOHYS
0.1
V
(7)Timer latch protection section (CP pin)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Threshold voltage of FB1
VTHFB1ON
*7-1
2.8
3.0
3.2
V
Threshold voltage of FB2
VTHFB2ON
*7-2
0.4
0.6
0.8
V
Threshold voltage of FB3
VTHFB3ON
*7-3
2.8
3.0
3.2
V
Charge current of CP
ICP
VCP=0.5V,VFB1=VREF- 0.5V
- 3.5
- 2.5
- 1.5
μA
Threshold voltage of CP
VTHCPON
2.8
3.0
3.2
V
*7-1:The current source of the CP pin operates when the voltage of FB1 exceeds the threshold voltage as shown in the table
*7-2:The current source of the CP pin operates when the voltage of FB2 fall below the threshold voltage as shown in the table
*7-3:The current source of the CP pin operates when the voltage of FB3 exceeds the threshold voltage as shown in the table


Similar Part No. - FA7711V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
   For Switching Power Supply Control
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
logo
List of Unclassifed Man...
FA7701V ETC-FA7701V Datasheet
182Kb / 13P
   For Switching Power Supply Control
logo
Fuji Electric
FA7701V FUJI-FA7701V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
More results

Similar Description - FA7711V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com