Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7764 Datasheet(PDF) 10 Page - Fuji Electric

Part # FA7764
Description  FUJI Power Supply Control IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7764 Datasheet(HTML) 10 Page - Fuji Electric

Back Button FA7764 Datasheet HTML 6Page - Fuji Electric FA7764 Datasheet HTML 7Page - Fuji Electric FA7764 Datasheet HTML 8Page - Fuji Electric FA7764 Datasheet HTML 9Page - Fuji Electric FA7764 Datasheet HTML 10Page - Fuji Electric FA7764 Datasheet HTML 11Page - Fuji Electric FA7764 Datasheet HTML 12Page - Fuji Electric FA7764 Datasheet HTML 13Page - Fuji Electric FA7764 Datasheet HTML 14Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
AN-059E Rev.1.0
June.2010
FA7764
Fuji Electric Systems Co., Ltd.
http://www.fujielectric.co.jp/fdt/scd/
Current limit vs.Ambient temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta[℃]
VCC=20V
Supply current vs.Ambient temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta[℃]
VBIAS=0V
Current limit vs.Ambient temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta[℃]
VCC=40V
Supply current vs.Ambient temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta[℃]
VBIAS=5V
Supply current vs.Ambient temperature
0
10
20
30
40
50
60
70
80
-40
-20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta[℃]
Stand by
VBIAS terminal current vs.Ambient temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta[℃]
VBIAS=5V


Similar Part No. - FA7764

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
   For Switching Power Supply Control
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
logo
List of Unclassifed Man...
FA7701V ETC-FA7701V Datasheet
182Kb / 13P
   For Switching Power Supply Control
logo
Fuji Electric
FA7701V FUJI-FA7701V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
More results

Similar Description - FA7764

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com