Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27ZA60P Datasheet(PDF) 4 Page - Littelfuse

Part # V27ZA60P
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27ZA60P Datasheet(HTML) 4 Page - Littelfuse

  V27ZA60P Datasheet HTML 1Page - Littelfuse V27ZA60P Datasheet HTML 2Page - Littelfuse V27ZA60P Datasheet HTML 3Page - Littelfuse V27ZA60P Datasheet HTML 4Page - Littelfuse V27ZA60P Datasheet HTML 5Page - Littelfuse V27ZA60P Datasheet HTML 6Page - Littelfuse V27ZA60P Datasheet HTML 7Page - Littelfuse V27ZA60P Datasheet HTML 8Page - Littelfuse V27ZA60P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 22, 2010
ZA Varistor Series
Radial Lead Varistors > ZA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/za.html for current information.
V360ZA05(P) - V750ZA05(P)
3000
2000
1000
500
PEAK AMPERES (A)
0.01
0.1
1
10
100
1000
0.001
0.0001
V750ZA05(P)
V715ZA05(P)
V680ZA05(P)
V620ZA05(P)
V470ZA05(P)
V430ZA05(P)
V390ZA05(P)
V360ZA05(P)
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
360 TO 750VN(DC) RATING
TA = -55
oC TO 85oC
Should transients occur in rapid succession, the average power
dissipation required is simply the energy (watt-seconds) per pulse
times the number of pulses per second. The power so developed
must be within the specifications shown on the Device Ratings
and Specifications Table for the specific device. Furthermore,
the operating values need to be derated at high temperatures as
shown in the diagram above. Because varistors can only dissipate
a relatively small amount of average power they are, therefore, not
suitable for repetitive applications that involve substantial amounts
of average power dissipation.
Power Dissipation Ratings
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAX CLAMPINGVOLTAGE
MODEL SIZE 5mm
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
10
V68ZA05(P)
V56ZA05(P)
V47ZA05(P)
V39ZA05(P)
V33ZA05(P)
V27ZA05(P)
V22ZA05(P)
V18ZA05(P)
V12ZA05(P)
V8ZA05(P)
10-3
Maximum Clamping Voltage for 5mm Parts
Peak Pulse Current Test Waveform
V8ZA05(P) - V68ZA05(P)
V82ZA05(P) - V33ZA05(P)
2000
1000
500
200
PEAK AMPERES (A)
0.01
0.1
1
10
100
1000
100
0.001
0.0001
V100ZA05(P)
V82ZA05(P)
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
82 TO 330VN(DC) RATING
TA = -55
oC TO 85oC
V330ZA05(P)
V270ZA05(P)
V240ZA05(P)
V220ZA05(P)
V205ZA05(P)
V180ZA05(P)
V150ZA05(P)
V120ZA05(P)
0
1
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20 μ
8μs = T
1 = Rise Time
20μs = T
2 = Decay Time
100
90
80
70
60
50
40
30
20
10
0
-55 50
60
70
80
90 100 110 120 130 140 150
AMBIENT TEMPERATURE ( oC)
100
90
50
10
O1
T
T1
T2
TIME
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5


Similar Part No. - V27ZA60P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   ZA Varistor Series
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V27ZA60P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com