Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V250LA40BP Datasheet(PDF) 10 Page - Littelfuse

Part # V250LA40BP
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V250LA40BP Datasheet(HTML) 10 Page - Littelfuse

Back Button V250LA40BP Datasheet HTML 5Page - Littelfuse V250LA40BP Datasheet HTML 6Page - Littelfuse V250LA40BP Datasheet HTML 7Page - Littelfuse V250LA40BP Datasheet HTML 8Page - Littelfuse V250LA40BP Datasheet HTML 9Page - Littelfuse V250LA40BP Datasheet HTML 10Page - Littelfuse V250LA40BP Datasheet HTML 11Page - Littelfuse V250LA40BP Datasheet HTML 12Page - Littelfuse V250LA40BP Datasheet HTML 13Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Product Dimensions (mm)
Dimension
V
RMS
Voltage
Model
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
V130LA-
-
12
-
16
-
20
-
26.5
V320LA
-
(0.472)
-
(0.630)
-
(0.787)
-
(1.043)
V385LA-
-
13
-
17
-
20.5
-
28
V1000LA
-
(0.0512)
-
(0.689)
-
(0.807)
-
(1.102)
ØD
All
-
9 (0.354)
-
12.5 (0.492)
-
17 (0.669)
-
23 (0.906)
e
All
4 (0.157)
6 (0.236)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
(Note 2)
8.5
(Note 2)
e
1
V130LA-
1.5
3.5
1.5
3.5
1.5
3.5
1.5
3.5
V320LA
(0.059)
(0.138)
(0.059)
(0.138)
(0.059)
(0.138)
(0.059)
(0.138)
V385LA-
2.5
5.5
2.5
5.5
2.5
5.5
2.5
5.5
V1000LA
(0.098)
(0.217)
(0.098)
(0.217)
(0.098)
(0.217)
(0.098)
(0.217)
E
V130LA-
-
5.6
-
5.6
-
5.6
-
5.6
V320LA
-
(0.220)
-
(0.220)
-
(0.220)
-
(0.220)
V385LA-
-
7.3
-
7.3
-
7.3
-
7.3
V510LA
-
(0.287)
-
(0.287)
-
(0.287)
-
(0.287)
V550LA-
-
8.3
-
8.3
-
8.3
-
8.3
V680LA
-
(0.327)
-
(0.327)
-
(0.327)
-
(0.327)
V1000LA
-
-
-
-
-
10.8 (0.425)
-
10.8 (0.425)
Øb
All
(Note 3)
0.585
(0.023)
0.685
(0.027)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
(Note 2)
0.86 (0.034)
(Note 2)
A
TRIM
All
-
15 (0.591)
-
19.5 (0.768)
-
22.5 (0.886)
(NOTE 4)
-
29.0 (1.142)
L
TRIM
All
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
*SEATING
PLANE
L
TRIM
A
TRIM
Notes :
1. Dimensions in millimeters, (inches) in parentheses.
2. 10mm (9mm Min. & 11mm Max.) ALSO AVAILABLE; see additional lead style options
3. 1000V parts supplied with lead wire of diameter 1.00 -/+ 0.05 (0.039 -/+ 0.002)
4. 'A' Max. for V1000LC80A (P) = 24.00 (0.945”)
CRIMPED AND TRIMMED LEAD
Crimped leads are standard on LA types supplied in tape and reel
and are denoted by the model letter "T." Model letter "S" denotes
straight leads and letter "U" denotes special under-crimped leads.
*Seating plane interpretation per IEC-717


Similar Part No. - V250LA40BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V250LA40BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com