Electronic Components Datasheet Search |
|
V275LA10P Datasheet(PDF) 1 Page - Littelfuse |
|
V275LA10P Datasheet(HTML) 1 Page - Littelfuse |
1 / 13 page Varistor Products ©2010 Littelfuse, Inc. Revision: August 4, 2010 LA Varistor Series Radial Lead Varistors > LA Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/la.html for current information. Description The LA Series of transient voltage surge suppressors are radial leaded varistors (MOVs) that are designed to be operated continuously across AC power lines. These UL recognized varistors require very little mounting space, and are offered in various standard lead form options. The LA Series varistors are available in four model sizes: 7mm, 10mm, 14mm and 20mm; and have a V M(AC)RMS voltage range from 130V to 1000V, and an energy absorption capability up to 360J. Some LA Series model numbers are available with clamping voltage selections, designated by a model number suffix of either A or B. The 'A' selection is the standard model; the 'B' selection provides a lower clamping voltage. See LA Series Device Ratings and Specifications Table for part number and brand information. Features • Lead–free, Halogen- Free and RoHS compliant. • Energy absorption capability (W TM) up to 360J • Wide operating voltage range V M(AC)RMS 130V to 1000V • No derating up to 85ºC ambient • Available in tape and reel or bulk pack Agency Approvals Absolute Maximum Ratings • For ratings of individual members of a series, see Device Ratings and Specifications chart Agency Agency File Number E320116, E56529, E135010 116895 LR91788 42201-006 Continuous LA Series Units Steady State Applied Voltage: AC Voltage Range (V M(AC)RMS) 130 to 1000 V DC Voltage Range (V M(DC)) 175 to 1200 V Transients: Peak Pulse Current (I TM) For 8/20μs Current Wave (See Figure 2) 1200 to 6500 A Single Pulse Energy Range For 10/1000μs Current Wave (W TM) 11 to 360 J Operating Ambient Temperature Range (T A) -55 to +85 OC Storage Temperature Range (T STG) -55 to +125 OC Temperature Coefficient (aV) of Clamping Voltage (V C) at Specified Test Current <0.01 %/OC Hi-Pot Encapsulation (COATING Isolation Voltage Capability) (Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301) 2500 V COATING Insulation Resistance 1000 MΩ CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. LA Varistor Series RoHS |
Similar Part No. - V275LA10P |
|
Similar Description - V275LA10P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |