Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14E550P Datasheet(PDF) 8 Page - Littelfuse

Part # V14E550P
Description  Radial Lead Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14E550P Datasheet(HTML) 8 Page - Littelfuse

Back Button V14E550P Datasheet HTML 3Page - Littelfuse V14E550P Datasheet HTML 4Page - Littelfuse V14E550P Datasheet HTML 5Page - Littelfuse V14E550P Datasheet HTML 6Page - Littelfuse V14E550P Datasheet HTML 7Page - Littelfuse V14E550P Datasheet HTML 8Page - Littelfuse V14E550P Datasheet HTML 9Page - Littelfuse V14E550P Datasheet HTML 10Page - Littelfuse V14E550P Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Product Dimensions (mm)
Dimension
V
RMS
Voltage
Model
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
130-320
-
12 (0.472)
-
16 (0.630)
-
20 (0.787)
-
26.5 (1.043)
385-625
-
13 (0.512)
-
17 (0.689)
-
20.5 (0.807)
-
28 (1.102)
ØD
All
-
9 (0.354)
-
12.5 (0.492)
-
17 (0.669)
-
23 (0.906)
e (Note 2)
All
4 (0.157)
6 (0.236)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5 (0.335)
9 (0.354)
11 (0.433)
e
1 (Note 3)
130-320
1.5 (0.059)
3.5 (0.138)
1.5 (0.059)
3.5 (0.138)
1.5 (0.059)
3.5 (0.138)
1.5 (0.059)
3.5 (0.138)
385-625
2.5 (0.098)
5.5 (0.217)
2.5 (0.098)
5.5 (0.217)
2.5 (0.098)
5.5 (0.217)
2.5 (0.098)
5.5 (0.217)
E
130-320
-
5.6 (0.220)
-
5.6 (0.220)
-
5.6 (0.220)
-
5.6 (0.220)
385-510
-
7.3 (0.287)
-
7.3 (0.287)
-
7.3 (0.287)
-
7.3 (0.287)
550-625
-
8.3 (0.327)
-
8.3 (0.327)
-
8.3 (0.327)
-
-8.3 (0.327)
Ø b
All
0.585
(0.023)
0.685
(0.027)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
(Note 2)
0.86 (0.034)
(Note 2)
A
TRIM
All
-
15 (0.591)
-
19.5 (0.768)
-
22.5 (0.886)
-
29.0 (1.142)
L (L2)
All
25.4 (1.00)
-
25.4 (1.00)
-
25.4 (1.00)
-
25.4 (1.00)
-
*L (L4)
All
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
NOTES:
1. Measurements displayed in Millimeters (Inches in parentheses).
2. Standard lead space.
3. For in-line lead option L3, dimension e
1 is “zero”
. Straight lead form option L1 shown.
Lead form options L1 and L3
(refer to table below)
*Seating plane interpretation per IEC-717
(not available on tape or ammo pack)
*SEATING
PLANE
A
TRIM
Lead form options L2 and L4
(refer to table below)
L
TRIM
For information about bulk packaging quantities, please refer to the Ordering Notes section at the end of this document.


Similar Part No. - V14E550P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E550P LITTELFUSE-V14E550P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V14E550P LITTELFUSE-V14E550P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V14E550P LITTELFUSE-V14E550P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V14E550P LITTELFUSE-V14E550P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V14E550P LITTELFUSE-V14E550P Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V14E550P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com