Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V460LA40CP Datasheet(PDF) 7 Page - Littelfuse

Part # V460LA40CP
Description  Radial Lead Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V460LA40CP Datasheet(HTML) 7 Page - Littelfuse

Back Button V460LA40CP Datasheet HTML 2Page - Littelfuse V460LA40CP Datasheet HTML 3Page - Littelfuse V460LA40CP Datasheet HTML 4Page - Littelfuse V460LA40CP Datasheet HTML 5Page - Littelfuse V460LA40CP Datasheet HTML 6Page - Littelfuse V460LA40CP Datasheet HTML 7Page - Littelfuse V460LA40CP Datasheet HTML 8Page - Littelfuse V460LA40CP Datasheet HTML 9Page - Littelfuse V460LA40CP Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 9, 2010
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
NUMBER OF SURGES
(RATED FOR 120 PULSES)
0100
50
150
250
300
200
600
550
500
450
400
350
300
V175LA20C
750A (8/20μs)
AC Bias Reliability
The C-III Series MOVs were designed for use on the AC
line. The varistor is connected across the AC line and is
biased with a constant amplitude sinusoidal voltage. It
should be noted that the definition of failure is a shift in the
nominal varistor voltage (V
this type of varistor is still functioning normally after this
tolerance will begin to dissipate more power.
statistically designed tests were performed to determine
the reliability of the C-III type of varistor under AC bias
combined with high levels of temperature stress. To
the diagram at right.
Transient Surge Current/Energy Transient Capability
The transient surge rating serves as an excellent figure
of merit for the C-III varistor. This inherent surge handling
capability is one of the C-III varistor’s best features.
The enhanced surge absorption capability results from
improved process uniformity and enhanced construction.
The homogeneity of the raw material powder and
improved control over the sintering and assembly
processes are contributing factors to this improvement.
worst case surge occurrence will be 3kA. Such a transient
event may occur up to five times over the equipment life
time (approximately 10 years). While the occurences of
repetitive surge current for the C-III Series is 20 pulses
for the 20mm units and 10 pulses for the 14mm Series.
a worst case repetitive transient surges test. After 20
the device characteristics. Changes in the clamping
negligible changes in any of the device characteristics
In both cases the inherent device capability is far
in excess of the expected worst case scenario.
300
250
200
150
100
0
100
200
300
400
500
600
700
800
900 1000 1100
TIME (HOURS)
V130LA20C
500
450
400
350
300
NUMBER OF SURGES
V130LA20C
3kA (8/20μs)
(RATED FOR 20 PULSES)
010
515
25
30
20
High Temperature Operating Life 125ºC for 1000 Hours
at Rated Bias
Typical Repetitive Surge Current Capability of
C-III Series MOVs
Figure 12
Figure 13
Figure 14


Similar Part No. - V460LA40CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V460LA40BP LITTELFUSE-V460LA40BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V460LA40BP LITTELFUSE-V460LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V460LA40BP LITTELFUSE-V460LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V460LA40BP LITTELFUSE-V460LA40BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V460LA40BP LITTELFUSE-V460LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V460LA40CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com