Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V550LA80CP Datasheet(PDF) 8 Page - Littelfuse

Part # V550LA80CP
Description  Radial Lead Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V550LA80CP Datasheet(HTML) 8 Page - Littelfuse

Back Button V550LA80CP Datasheet HTML 2Page - Littelfuse V550LA80CP Datasheet HTML 3Page - Littelfuse V550LA80CP Datasheet HTML 4Page - Littelfuse V550LA80CP Datasheet HTML 5Page - Littelfuse V550LA80CP Datasheet HTML 6Page - Littelfuse V550LA80CP Datasheet HTML 7Page - Littelfuse V550LA80CP Datasheet HTML 8Page - Littelfuse V550LA80CP Datasheet HTML 9Page - Littelfuse V550LA80CP Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 9, 2010
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
Product Dimensions (mm)
Øb
e
1
e
ØD
25.4
(1.00)
E
A
CRIMPED AND TRIMMED LEAD
*SEATING
PLANE
L
TRIM
A
TRIM
Dimension
V
RMS Voltage
Model
10mm Size
14mm Size
20mm Size
Min.
Max.
Min.
Max.
Min.
Max.
A
All
16.0 (0.630)
13.5 (0.531)
ØD
All
13.5 (0.531)
e
All
6.5 (0.256)
6.5 (0.256)
6.5 (0.256)
e
1
130 - 320
5.5 (0.216)
>320
E
130 - 320
>320
11.0 (0.433)
11.0 (0.433)
Øb
130 - 625
>625
1.05 (0.041)
A
TRIM
All
L
TRIM
All
1. 10mm lead spacing also available. See additional lead style options.
CRIMPED AND TRIMMED LEADS
Radial lead types can be supplied with combination preformed
crimp and trimmed leads. This option is supplied to the
dimensions shown below.


Similar Part No. - V550LA80CP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
V550PA NJSEMI-V550PA Datasheet
134Kb / 2P
   RATINGS AND CHARACTERISTICS TABLE
V550PA40A NJSEMI-V550PA40A Datasheet
78Kb / 2P
   RATINGS AND CHARACTERISTICS TABLE
V550PA80A NJSEMI-V550PA80A Datasheet
78Kb / 2P
   RATINGS AND CHARACTERISTICS TABLE
V550PA80B NJSEMI-V550PA80B Datasheet
78Kb / 2P
   RATINGS AND CHARACTERISTICS TABLE
V550PA80C NJSEMI-V550PA80C Datasheet
78Kb / 2P
   RATINGS AND CHARACTERISTICS TABLE
More results

Similar Description - V550LA80CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com