Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V680LA100CP Datasheet(PDF) 3 Page - Littelfuse

Part # V680LA100CP
Description  Radial Lead Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V680LA100CP Datasheet(HTML) 3 Page - Littelfuse

  V680LA100CP Datasheet HTML 1Page - Littelfuse V680LA100CP Datasheet HTML 2Page - Littelfuse V680LA100CP Datasheet HTML 3Page - Littelfuse V680LA100CP Datasheet HTML 4Page - Littelfuse V680LA100CP Datasheet HTML 5Page - Littelfuse V680LA100CP Datasheet HTML 6Page - Littelfuse V680LA100CP Datasheet HTML 7Page - Littelfuse V680LA100CP Datasheet HTML 8Page - Littelfuse V680LA100CP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 9, 2010
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
C-III Series Specifications (continued from previous page)
Part Number
Branding
Disc
Size
(mm)
Maximum Ratings (85 °C)
Specifications (25 °C)
Continuous
Transient
Varistor Voltage
at 1mA DC Test
Current
Maximum
Clamping
Voltage
(8/20μs)
Duty Cycle
Surge Rating
Maximum
V
RMS
V
M(AC)
(V)
Withstanding
Energy (2ms)
W
TM (
)
(J)
Peak Current
(8/20μs)
I
TM1
1 Pulse
(A)
I
TM2
2 Pulses
(A)
V
Min
(V)
V
Max
(V)
V
C
(V)
I
p
(A)
3kA
(8/20μs)
#
Pulses
750A
(8/20μs)
#
Pulses
14
550
210
6500
5000
1435
50
10
20
550
450
10000
1435
100
20
120
14
230
6500
5000
1000
1500
50
10
20
460
10000
1000
1500
100
20
120
14
625
235
6500
5000
1100
1650
50
10
20
625
10000
1100
100
20
120
20
660
510
10000
1210
100
20
120
14
240
6500
5000
1210
50
10
20
520
10000
1130
100
20
120
Phenolic Coating Option -- C-III Series Varistors for Hi-Temperature Operating Conditions:
Encapsulation (Isolation Voltage Capability)=500V.


Similar Part No. - V680LA100CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V680LA100CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com