Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1804 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1804
Description  Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1804 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1804_11 Datasheet HTML 1Page - Maxim Integrated Products DS1804_11 Datasheet HTML 2Page - Maxim Integrated Products DS1804_11 Datasheet HTML 3Page - Maxim Integrated Products DS1804_11 Datasheet HTML 4Page - Maxim Integrated Products DS1804_11 Datasheet HTML 5Page - Maxim Integrated Products DS1804_11 Datasheet HTML 6Page - Maxim Integrated Products DS1804_11 Datasheet HTML 7Page - Maxim Integrated Products DS1804_11 Datasheet HTML 8Page - Maxim Integrated Products DS1804_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS1804
4 of 10
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
-1.0V to +6.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Lead Temperature (soldering, 10s)
+300
°C
Soldering Temperature (reflow)
+260°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
Input Logic 1
VIH
2.0
VCC + 0.3
V
1, 2
Input Logic 0
VIL
-0.3
+0.8
+0.6
V
1, 15
Resistor Inputs
L, H, W
VGND - 0.2
VCC + 0.2
V
1, 3
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
400
µA
4
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
Wiper Current
IW
1
mA
Standby Current:
3V
5V
ISTBY
10
20
48
µA
µA
5
Wiper Load Time
tWLT
500
µs
6
Power-Up Time
tPU
50
ms
14


Similar Part No. - DS1804_11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804-100 DALLAS-DS1804-100 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1804-100 MAXIM-DS1804-100 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
More results

Similar Description - DS1804_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
   Operates From a Single 3V to 5V Supply
Rev 1; 10/18
MAX22507EEVKIT MAXIM-MAX22507EEVKIT Datasheet
447Kb / 6P
   Operates from a Single 3V to 5V Supply
Rev 0; 3/21
MAX22501EEVKIT MAXIM-MAX22501EEVKIT Datasheet
601Kb / 7P
   Operates From a Single 3V to 5V Supply
Rev 0; 8/17
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com