Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1804U-050 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1804U-050
Description  Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1804U-050 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1804U-050 Datasheet HTML 2Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 3Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 4Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 5Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 6Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 7Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 8Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 9Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS1804
7 of 10
THREE-TERMINAL INTERFACE TIMING DIAGRAM Figure 2
ORDERING INFORMATION
PART
VERSION (k
Ω)
TEMP RANGE
PIN-PACKAGE
DS1804-010+
10
-40°C to +85°C
8 DIP (300 mils)
DS1804-050+
50
-40°C to +85°C
8 DIP (300 mils)
DS1804-100+
100
-40°C to +85°C
8 DIP (300 mils)
DS1804Z-010+
10
-40°C to +85°C
8 SO (150 mils)
DS1804Z-050+
50
-40°C to +85°C
8 SO (150 mils)
DS1804Z-100+
100
-40°C to +85°C
8 SO (150 mils)
DS1804U-010+
10
-40°C to +85°C
8 µSOP (118 mils)
DS1804U-050+
50
-40°C to +85°C
8 µSOP (118 mils)
DS1804U-100+
100
-40°C to +85°C
8 µSOP (118 mils)
+Denotes a lead(Pb)/RoHS-compliant package.


Similar Part No. - DS1804U-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804U-050 DALLAS-DS1804U-050 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1804U-050 MAXIM-DS1804U-050 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
More results

Similar Description - DS1804U-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
   Operates From a Single 3V to 5V Supply
Rev 1; 10/18
MAX22507EEVKIT MAXIM-MAX22507EEVKIT Datasheet
447Kb / 6P
   Operates from a Single 3V to 5V Supply
Rev 0; 3/21
MAX22501EEVKIT MAXIM-MAX22501EEVKIT Datasheet
601Kb / 7P
   Operates From a Single 3V to 5V Supply
Rev 0; 8/17
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com