Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APV-16-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # APV-16-15
Description  16W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

APV-16-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  APV-16-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. APV-16-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
APV-16-5
APV-16-12
APV-16-15
APV-16-24
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
5V
12V
15V
24V
2.6A
1.25A
1A
0.67A
0~2.6A
0~1.25A
0~1A
0~0.67A
13W
15W
15W
16.08W
100mVp-p
120mVp-p
120mVp-p
150mVp-p
5.0%
1.0%
2.0%
1
1500ms,30ms/115VAC
500ms,30ms/230VAC
atfullload
90~264VAC
127~370VDC
47~63Hz
76%
80%
81%
83%
5.75~6.75V
13.8~16V
17.5~21V
27.6~32.4V
0.3A/230VAC0.5A/115VAC
COLDSTART 35A/115VAC70A/230VAC
0.25mA /240VAC
Above105%ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-30~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
Designreferto TUVEN60950-1,EN61347-2-13,UL8750
77*40*29mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
16WSingleOutputSwitchingPowerSupply
Constant voltage design
Universal AC input / Full range
Protections: Short circuit / Over current / Over voltage
Fully isolated plastic case
Cooling by free air convection
ass LPS
Suitable for LED lighting and moving sign applications
100% full load burn-in test
Low cost, high reliability
2 years warranty
Small and compact size
P
Features :
A
s e r i e s
P V- 1 6
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
20ms/230VAC12ms/115VACatfullload
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
FileName:APV-16-SPEC2011-07-09
1145.7Khrsmin.MIL-HDBK-217F(25)
0.1Kg;120pcs/14Kg/0.93CUFT
EMCIMMUNITY
CompliancetoEN55015,EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61547,EN61000-4-2,3,4,5,6,8,11;lightindustrylevel(surge2KV),criteria A
EMCEMISSION
LPS
110
SELV
F


Similar Part No. - APV-16-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APV-16-15 MEANWELL-APV-16-15 Datasheet
793Kb / 2P
   16W Single Output Switching Power Supply
More results

Similar Description - APV-16-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16 Datasheet
187Kb / 2P
   16W Single Output Switching Power Supply
APC-16E MEANWELL-APC-16E Datasheet
75Kb / 3P
   16W Single Output Switching Power Supply
APC-16 MEANWELL-APC-16_12 Datasheet
775Kb / 2P
   16W Single Output Switching Power Supply
LPF-16 MEANWELL-LPF-16_12 Datasheet
155Kb / 3P
   16W Single Output Switching Power Supply
APV-16E MEANWELL-APV-16E Datasheet
76Kb / 3P
   16W Single Output Switching Power Supply
APV-16 MEANWELL-APV-16_12 Datasheet
793Kb / 2P
   16W Single Output Switching Power Supply
LPF-16D MEANWELL-LPF-16D_12 Datasheet
177Kb / 4P
   16W Single Output Switching Power Supply
PLD-16 MEANWELL-PLD-16 Datasheet
106Kb / 3P
   16W Single Output LED Power Supply
PLD-16 MEANWELL-PLD-16_12 Datasheet
201Kb / 3P
   16W Single Output LED Power Supply
PCD-16 MEANWELL-PCD-16_12 Datasheet
221Kb / 4P
   16W Single Output AC Dimmable LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com