Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1614 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1614
Description  High-Side, n-Channel MOSFET Switch Driver Internal On/Off Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1614 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX1614_11 Datasheet HTML 1Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 2Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 3Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 4Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 5Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1614_11 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
High-Side, n-Channel MOSFET
Switch Driver
8
_______________________________________________________________________________________
Increasing Low-Battery
Comparator Hysteresis
The MAX1614 contains an on-chip comparator with 2%
hysteresis for low-battery detection. If more than 2%
hysteresis is needed on the low-battery comparator and
LBO is connected to OFF, use the circuit in Figure 5 to
add hysteresis. The circuit of Figure 5 shows LBO con-
trolling an n-channel MOSFET that shorts R2 to add pos-
itive feedback to the trip point. This is necessary to
prevent loading down the 1µA pullup at OFF (Figure 1).
___________________Chip Information
SUBSTRATE CONNECTED TO GND
MAX1614
OFF
LBO
GND
LBI
SRC
GATE
N
ON
BATT
LOAD
R2
N
2N7002
(SOT23)
R1
R3
R1 = 909k
R2, R3 = 150k
VL = 8.5V
VH = 9.8V
HYSTERESIS = 6%
FALLING TRIP POINT VL
VL = VTH
(
)
RISING TRIP POINT VH
VH = VTH
(
)
R1 + R2 + R3
R3
R1 + R3
R3
Figure 5. Increasing Hysteresis of the Battery Disconnect
Circuit
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
8 µMAX
U8+1
21-0036
90-0092


Similar Part No. - MAX1614_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KM MAXIM-MAX16140B220KM Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KMT MAXIM-MAX16140B220KMT Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140D220JM MAXIM-MAX16140D220JM Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140D220JMT MAXIM-MAX16140D220JMT Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
More results

Similar Description - MAX1614_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
Rohm
BD6538G ROHM-BD6538G_14 Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
   High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
   1 channel High-Side N channel Power MOSFET Gate Driver
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
   ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com