Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1614EUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1614EUA
Description  High-Side, n-Channel MOSFET Switch Driver Internal On/Off Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1614EUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1614EUA Datasheet HTML 1Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 2Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 3Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1614EUA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
µA
High-Side, n-Channel MOSFET
Switch Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 15V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT, SRC to GND.................................................-0.3V to +30V
GATE to SRC ..........................................................-0.3V to +12V
GATE to GND .........................................................-0.3V to +36V
GATE + SRC Sink Current, Continuous .............................2.7mA
LBI, LBO, ON, OFF to GND....................................-0.3V to +12V
LBO Current ..........................................................................5mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.10mV/°C above +70°C) .....................330mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
VBATT = 15V, ON = OFF = unconnected,
IGATE = 0A, device latched on, VLBI = 1.5V,
SRC = BATT
VBATT = 5V
VBATT = 26V, ON = OFF = unconnected,
IGATE = 0A, device latched off, VLBI = 1.5V
VBATT = 26V
VGATE - VSRC > 3V, SRC = BATT
VBATT = 5V
Tested at 0.6V
Tested at 2V
Tested at VLBI = VBATT / 4
VLBO = 11.5V
LBI input falling
Measured from GATE to SRC, VBATT = 15V,
IGATE = 0A
VGATE = VSRC = 15V
ISINK = 1mA
VGATE = 4V, device latched off
VLBI = 1.3V
CONDITIONS
µs
0.5
1.0
tPW
Minimum Input Pulse Width
V
2.0
VIH
Input High Voltage
V
0.6
VIL
Input Low Voltage
µA
1.5
2
Maximum Input Pullup Current
µA
0.5
Minimum Input Pullup Current
µA
0.5
VOH
LBO High Leakage
V
0.4
VOL
LBO Low Voltage
nA
10
ILBI
LBI Input Current
17
30
µA
47
ISHDN
V
526
BATT Operating Range
BATT Shutdown Current
V
0.9
4
Minimum VBATT for Valid LBO
V
0.02VTH
LBI Trip Hysteresis
V
1.182
1.20
1.218
VTH
LBI Trip Level
V
6.5
8
9.0
VGS
GATE Drive Voltage
µA
15
60
GATE Drive Output Current
mA
0.5
2
GATE Discharge Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VBATT = 26V, ON = OFF = unconnected,
IGATE = 0A, device latched on, VLBI = 1.5V,
SRC = BATT
21
40
Measured from GATE to SRC, VBATT = VSRC = 5V,
IGATE = 1.5µA
3
µA
IBATT +
ISRC
Quiescent Current
INTERNAL CHARGE PUMP
LOW-BATTERY COMPARATOR
CONTROL INPUTS (O
ON
N, O
OF
FF
F)


Similar Part No. - MAX1614EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614EUA MAXIM-MAX1614EUA Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
More results

Similar Description - MAX1614EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
Rohm
BD6538G ROHM-BD6538G_14 Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
   High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
   1 channel High-Side N channel Power MOSFET Gate Driver
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
   ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com