Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1878 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1878
Description  Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1878 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1878_11 Datasheet HTML 1Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 2Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 3Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 4Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 5Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1878_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual-Output Step-Down and LCD Step-Up
Power Supply for PDAs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VAIN = 2.5V, circuit of Figure 1, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LX Max Duty Cycle
VFB = 0.8V
100
%
LX Leakage Current
VON = 0V, VIN = 5.5V
0.1
5
µA
VIN = VAIN = 2V, ILX = 300mA
0.55
0.95
LX P-Channel On-Resistance
VIN = VAIN = 3V, ILX = 300mA
0.42
0.65
Ω
VIN = VAIN = 2V, ILX = 300mA
0.62
0.93
LX N-Channel On-Resistance
VIN = VAIN = 3V, ILX = 300mA
0.46
0.65
Ω
LX Current Limit
330
550
800
mA
Idle Mode Threshold
70
135
220
mA
LX Minimum On-Time
tLXON
240
440
740
ns
LX Minimum Off-Time
tLXOFF
200
390
670
ns
ON Input Low Voltage
2V < VIN < 5.5V
0.4
V
ON Input High Voltage
2V < VIN < 5.5V
1.3
V
ON Input Leakage Current
-1
1
µA
LCD OUTPUT (Step-Up Converter)
LCD Output Voltage Adjust Range
VLCD
VIN + 1V
28
V
TA = +25°C to +85°C
1.225
1.250
1.275
FBLCD Regulation Voltage
VFBLCD
VIN = VAIN = 2V
TA = 0°C to +85°C
1.220
1.280
V
VAIN = VIN = 2V, ILXLCD = 150mA
2.8
5.0
LXLCD On-Resistance
VAIN = VIN = 3V, ILXLCD = 150mA
1.7
3.0
Ω
LXLCD Current Limit
140
280
440
mA
LXLCD Leakage Current
VLXLCD = 28V
0
1
µA
VAIN = VIN = 2.5V, VLCD = 18V
1.5
7.6
LCD Output Current
(Note 3)
ILCD
VAIN = VIN = 2V, VLCD = 18V
1.4
6.6
mA
FBLCD Input Bias Current
IFBLCD
VAIN = VIN = 2V
10
50
nA
LCD Line Regulation
VAIN = VIN = 2V to 3V, ILOAD = 5mA,
VLXLCD = 18V
1%
LCD Load Regulation
VAIN = VIN = 2.5V, ILOAD = 1mA to 5mA,
VLXLCD = 18V
1.3
%
LXLCD Maximum On-Time
tLXLCDON
5.1
9.8
17
µs
0.5
1.0
1.7
LXLCD Minimum Off-Time
tLXLCDOFF
VFBLCD < 0.9V (soft-start)
1.3
2.6
4.4
µs
ONLCD Input Low Voltage
2V < VAIN = VIN < 5.5V
0.4
V
ONLCD Input High Voltage
2V < VAIN = VIN < 5.5V
1.3
V
ONLCD Input Leakage Current
-1
1
µA


Similar Part No. - MAX1878_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1878EGC MAXIM-MAX1878EGC Datasheet
879Kb / 12P
   Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Rev 1; 12/03
More results

Similar Description - MAX1878_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1878 MAXIM-MAX1878 Datasheet
879Kb / 12P
   Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Rev 1; 12/03
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
logo
Eutech Microelectronics...
EUP2520 EUTECH-EUP2520 Datasheet
652Kb / 13P
   Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com