Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2042AETT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2042AETT
Description  SiGe High-Linearity, 1600MHz to 3900MHz Upconversion/Downconversion
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2042AETT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2042AETT Datasheet HTML 6Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 7Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 8Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 9Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 10Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 11Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 12Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 13Page - Maxim Integrated Products MAX2042AETT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
MAX2042A
SiGe High-Linearity, 1600MHz to 3900MHz
Upconversion/Downconversion Mixer with LO Buffer
5.0V Supply, RF = 1650MHz to 2250MHz, HIGH-SIDE LO INJECTION AC ELECTRICAL
CHARACTERISTICS (DOWNCONVERTER OPERATION)
(Typical Application Circuit with tuning elements outlined in Table 1. Typical values are for TC = +25NC, VCC = 5.0V, PRF = 0dBm,
PLO = 0dBm, fRF = 1850MHz, fLO = 2150MHz, fIF = 300MHz, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal Conversion Loss
LC
7.5
dB
Loss Variation vs. Frequency
D
LC
fRF = 1650MHz to 1850MHz, any 100MHz band
Q
0.18
dB
fRF = 1850MHz to 2250MHz, any 100MHz band
Q
0.15
fRF = 1650MHz to 1850MHz, any 200MHz band
Q
0.36
fRF = 1850MHz to 2250MHz, any 200MHz band
Q
0.3
Conversion Loss
Temperature Coefficient
TCCL
TC = -40NC to +85NC
0.0067
dB/NC
Single Sideband Noise Figure
NFSSB
No blockers present
7
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40NC to +85NC
0.021
dB/NC
Input 1dB Compression Point
IP1dB
(Note 10)
23
dBm
Third-Order Input Intercept
Point
IIP3
fRF1 = 1850MHz, fRF2 = 1851MHz,
PRF1 = PRF2 = 0dBm
34.8
dBm
IIP3 Variation with TC
fRF1 = 1850MHz, fRF2 = 1851MHz,
PRF1 = PRF2 = 0dBm, TC = -40NC to +85NC
Q
0.5
dB
2LO - 2RF Spur Rejection
2 x 2
fRF = 1850MHz,
fLO = 2150MHz,
fSPUR = 2000MHz
PRF = -10dBm
83
dBc
PRF = 0dBm
73
3LO - 3RF Spur Rejection
3 x 3
fRF = 1850MHz,
fLO = 2150MHz,
fSPUR = 2050MHz
PRF = -10dBm
94
dBc
PRF = 0dBm
74
RF Input Return Loss
RLRF
LO on and IF terminated into a matched
impedance
16.4
dB
LO Input Return Loss
RLLO
RF and IF terminated into a matched impedance
25.2
dB
IF Output Impedance
ZIF
Nominal differential impedance at the IC’s IF
outputs
50
I
IF Return Loss
RLIF
RF terminated into 50I, LO driven by 50I
source, IF transformed to single-ended 50I
using external components shown in the Typical
Application Circuit
17
dB
RF-to-IF Isolation
PLO = +3dBm
48.7
dB
LO Leakage at RF Port
PLO = +3dBm
-28.8
dBm
2LO Leakage at RF Port
PLO = +3dBm
-35.3
dBm
LO Leakage at IF Port
PLO = +3dBm
-20.8
dBm


Similar Part No. - MAX2042AETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429 MAXIM-MAX20429 Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX20429AAFNA MAXIM-MAX20429AAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429CAFNA MAXIM-MAX20429CAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
More results

Similar Description - MAX2042AETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com