Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12U15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GS12U15
Description  10 ~ 12WAC-DC Single Output Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS12U15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS12U15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS12U15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:GS12U-SPEC2011-06-14
UL118516AWG1230 50mmfor5V~9V
UL118518AWG1830 50mmfor12V~24V
65 1
9.5 0.5mm
ID2.1xOD5.5
C"+"
6.3 0.3
10~12W AC-DCSingleOutputWall-mountedtype
G S 1 2 U series
DeratingCurve
StaticCharacteristics(24V)
Unit:mm
Plug Assignment
Standardplug:P1I
P/N
CENTER
OUTPUT
+
P1I
12.7 0.4
1.5 0.2
INPUTVOLTAGE(VAC)60Hz
Ta(
)
0
10
20
30
40
70
100
50
50
90
70
120
110
160
140
200
180
240
220
264
28
250
32
300
24
200
20
150
16
100
12
50
8
25
30 10mm


Similar Part No. - GS12U15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS12U15 MEANWELL-GS12U15 Datasheet
98Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS12U15-P1I MEANWELL-GS12U15-P1I Datasheet
98Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
More results

Similar Description - GS12U15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS12U MEANWELL-GS12U Datasheet
98Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS12E MEANWELL-GS12E Datasheet
117Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS12E MEANWELL-GS12E_11 Datasheet
204Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E Datasheet
110Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U Datasheet
100Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
GE12 MEANWELL-GE12 Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
GS05U-USB MEANWELL-GS05U-USB Datasheet
155Kb / 2P
   5WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com