Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2121 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2121
Description  Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2121 Datasheet HTML 1Page - Maxim Integrated Products MAX2121 Datasheet HTML 2Page - Maxim Integrated Products MAX2121 Datasheet HTML 3Page - Maxim Integrated Products MAX2121 Datasheet HTML 4Page - Maxim Integrated Products MAX2121 Datasheet HTML 5Page - Maxim Integrated Products MAX2121 Datasheet HTML 6Page - Maxim Integrated Products MAX2121 Datasheet HTML 7Page - Maxim Integrated Products MAX2121 Datasheet HTML 8Page - Maxim Integrated Products MAX2121 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Complete Direct-Conversion L-Band Tuner
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2121 Evaluation Kit: VCC = +3.13V to +3.47V, TA = -40°C to +85°C, default register settings except BBG[3:0] = 1111. Typical
values measured at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE-CONTROLLED OSCILLATOR AND LO GENERATION
Guaranteed LO Frequency Range
925
2175
MHz
fOFFSET = 10kHz
-97
fOFFSET = 100kHz
-100
LO Phase Noise
fOFFSET = 1MHz
-122
dBc/Hz
XTAL/REFERENCE OSCILLATOR INPUT AND OUTPUT BUFFER
XTAL Oscillator Frequency
Range fXTAL
Parallel-resonance-mode crystal (Note 7)
12
30
MHz
Input Overdrive Level
AC-coupled sine-wave input
0.5
1
2.0
VP-P
XTAL Output-Buffer Divider
Range
1
8
XTAL Output Voltage Swing
12MHz to 30MHz, CLOAD = 10pF
1
1.5
2
VP-P
XTAL Output Duty Cycle
50
%
Note 1: Min/max values are production tested at TA = +25°C. Min/max limits at TA = -40°C and TA = +85°C are guaranteed by
design and characterization.
Note 2: Guaranteed by design and characterization at TA = +25°C.
Note 3: Input gain range specifications met over this band.
Note 4: In-band IIP3 test conditions: GC1 set to provide the nominal baseband output drive when mixing down a -23dBm tone at
2175MHz to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at
-26dBm each are applied at 1919MHz and 1663MHz. The IM3 tone at 3MHz is measured at baseband, but is referred to the
RF input.
Note 5: Out-of-band IIP3 test conditions: GC1 set to provide nominal baseband output drive when mixing down a -23dBm tone at
2175MHz to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at
-20dBm each are applied at 1919MHz and 1663MHz. The IM3 tone at 5MHz is measured at baseband, but is referred to the
RF input.
Note 6: Input IP2 test conditions: GC1 set to provide nominal baseband output drive when mixing down a -23dBm tone at 2175MHz
to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at -20dBm
each are applied at 925MHz and 1250MHz. The IM2 tone at 5MHz is measured at baseband, but is referred to the RF input.
Note 7: See Table 16 for crystal ESR requirements.


Similar Part No. - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2121 MAXIM-MAX2121 Datasheet
877Kb / 8P
   All Critical Peripheral Components Included
Rev 1; 5/15
MAX2121B MAXIM-MAX2121B Datasheet
738Kb / 20P
   L-Band Tuner with Programmable Baseband Filter
Rev 1; 9/16
MAX2121BEVKIT MAXIM-MAX2121BEVKIT Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
MAX2121BEVKIT# MAXIM-MAX2121BEVKIT# Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
More results

Similar Description - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com