Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2121ETI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2121ETI
Description  Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121ETI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2121ETI Datasheet HTML 1Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 2Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2121ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Complete Direct-Conversion L-Band Tuner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2121 Evaluation Kit: VCC_ = +3.13V to +3.47V, fXTAL = 27MHz, TA = -40°C to +85°C, VGC1 = +0.5V (max gain), default register
settings except BBG[3:0] = 1011. No input signals at RF, baseband I/Os are open circuited. Typical values measured at VCC =
+3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC_ to GND .........................................................-0.3V to +3.9V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
RF Input Power: RFIN .....................................................+10dBm
BYPVCO, CPOUT, XTAL, REFOUT, IOUT_, QOUT_ , IDC_,
QDC_ to GND Short-Circuit Protection...............................10s
Continuous Power Dissipation (TA = +70°C)
TQFN (derate 34.5mW/°C above +70°C) ......................2.75W
Operating Temperature Range .............................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Supply Voltage (VCC_)
3.13
3.3
3.47
V
Receive mode, bit STBY = 0
148
200
Supply Current
Standby mode, bit STBY = 1
3
mA
ADDRESS SELECT INPUT (ADDR)
Digital Input-Voltage High, VIH
2.4
V
Digital Input-Voltage Low, VIL
0.5
V
Digital Input-Current High, IIH
50
μA
Digital Input-Current Low, IIL
-50
μA
ANALOG GAIN-CONTROL INPUT (GC1)
Input Voltage Range
Maximum gain = 0.5V
0.5
2.7
V
Input Bias Current
-50
+50
μA
VCO TUNING VOLTAGE INPUT (TUNEVCO)
Input Voltage Range
0.4
2.3
V
2-WIRE SERIAL INPUTS (SCL, SDA)
Clock Frequency
400
kHz
Input Logic-Level High
0.7 x
VCC
V
Input Logic-Level Low
0.3 x
VCC
V
Input Leakage Current
Digital inputs = GND or VCC
±0.1
±1
μA
2-WIRE SERIAL OUTPUT (SDA)
Output Logic-Level Low
ISINK = 1mA (Note 2)
0.4
V
CAUTION! ESD SENSITIVE DEVICE


Similar Part No. - MAX2121ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121ETI++ MAXIM-MAX2121ETI+ Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
More results

Similar Description - MAX2121ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com