Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3349EEBET Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3349EEBET
Description  Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3349EEBET Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3349EEBET Datasheet HTML 1Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 2Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 3Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 4Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 5Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 6Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 7Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 8Page - Maxim Integrated Products MAX3349EEBET Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX3349E ±15kV ESD-protected, USB transceiver
provides a full-speed USB interface to a lower voltage
microprocessor or ASIC. The device supports enumer-
ation, suspend, and VBUS detection. A special UART
multiplexing mode routes external UART signals (Rx
and Tx) to D+ and D-, allowing the use of a shared con-
nector to reduce cost and part count for mobile
devices.
The UART interface allows mobile devices such as
PDAs, cellular phones, and digital cameras to use either
UART or USB signaling through the same connector.
The MAX3349E features a separate UART voltage sup-
ply input to support legacy devices using +2.75V signal-
ing. The MAX3349E supports a maximum UART baud
rate of 921kbaud.
Upon connection to a USB host, the MAX3349E enters
USB mode and provides a full-speed USB 2.0-compliant
interface through VP, VM, RCV, and OE. The MAX3349E
features internal series termination resistors on D+ and
D-, and an internal 1.5kΩ pullup resistor to D+ to allow
the device to logically connect and disconnect from the
USB while plugged in. A suspend mode is provided for
low-power operation. D+ and D- are protected from
electrostatic discharge (ESD) up to ±15kV.
The MAX3349E is available in 16-pin TQFN (4mm x
4mm) and 16-bump UCSP™ (2mm x 2mm) packages,
and is specified over the -40°C to +85°C extended tem-
perature range.
Applications
Features
♦ ±15kV ESD HBM Protection on D+ and D-
♦ UART Mode Routes External UART Signals to
D+/D-
♦ Internal Linear Regulator Allows Direct Powering
from the USB Cable
♦ Separate Voltage Input for UART
Transmitter/Receiver (VUART)
♦ Internal 1.5kΩ Pullup Resistor on D+ Controlled
by Enumerate Input
♦ Internal Series Termination Resistors on D+ and D-
♦ Complies with USB Specification Revision 2.0,
Full-Speed 12Mbps Operation
♦ Built-In Level Shifting Down to +1.4V, Ensuring
Compatibility with Low-Voltage ASICs
♦ VBUS Detection
♦ Combined VP and VM Inputs/Outputs
♦ No Power-Supply Sequencing Required
♦ Available in 16-Bump UCSP (2mm x 2mm)
Package
Hi-Speed USB 2.0 Full-Speed Transceiver
with UART Multiplexing Mode
________________________________________________________________
Maxim Integrated Products
1
19-3952; Rev 1; 5/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
TQFN-EP
(4mm x 4mm)
ENUM
16
12
34
12
11
10
9
15
14
13
5
6
7
8
VM
VL
VTRM
VP
RCV
OE
SUS
MAX3349E
TOP VIEW
*EP
+
UCSP
(2mm x 2mm)
MAX3349E
TOP VIEW
(BUMPS ON BOTTOM OF DIE)
A
B
C
1
23
RX
TX
VUART
VP
VL
ENUM
SUS
VTRM
BD
VM
RCV
OE
4
D
D+
D-
VBUS
GND
*CONNECT TO GND OR LEAVE UNCONNECTED.
+
PART
TEMP RANGE
PIN-PACKAGE
MAX3349EEBE-T
-40°C to +85°C
16 UCSP
MAX3349EEBE+T
-40°C to +85°C
16 UCSP
MAX3349EETE*
-40°C to +85°C
16 TQFN-EP**
Pin Configurations
UCSP is a trademark of Maxim Integrated Products, Inc.
*
Future product—contact factory for availability.
T = Tape and reel.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
**
EP = Exposed pad.
Cell Phones
PDAs
Digital Cameras
MP3 Players


Similar Part No. - MAX3349EEBET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
MAX3349EAEBE+T MAXIM-MAX3349EAEBE+T Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
MAX3349EAETE MAXIM-MAX3349EAETE Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
More results

Similar Description - MAX3349EEBET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Future Technology Devic...
C232HD FTDI-C232HD Datasheet
824Kb / 18P
   C232HD USB 2.0 HI-SPEED TO UART CABLE
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
USB3320 MICROCHIP-USB3320 Datasheet
1Mb / 70P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com