Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3737 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3737
Description  Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3737 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3737_11 Datasheet HTML 6Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 7Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 8Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 9Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 10Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 11Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 12Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 13Page - Maxim Integrated Products MAX3737_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Safety Circuitry Current Monitors
The MAX3737 features monitors (MC_MON, BC_MON,
PC_MON) for modulation current (IMOD), bias current
(IBIAS), and photocurrent (IMD). The monitors are realized
by mirroring a fraction of the currents and developing volt-
ages across external resistors connected to ground.
Voltages greater than VREF at MC_MON, PC_MON, or
BC_MON result in a fault state. For example, connecting a
Multirate Laser Driver with Extinction
Ratio Control
10
______________________________________________________________________________________
1
If any of the I/O pins is shorted to GND or VCC (single-point failure; see Table 2), and the bias current or the photocurrent
exceed the programmed threshold.
2
End-of-life (EOL) condition of the laser diode. The bias current and/or the photocurrent exceed the programmed threshold.
3
Laser cathode is grounded and photocurrent exceeds the programming threshold.
4
No feedback for the APC loop (broken interconnection, defective monitor photodiode), and the bias current exceeds the
programmed threshold.
Table 1. Typical Fault Conditions
PIN
CIRCUIT RESPONSE TO OVERVOLTAGE
OR SHORT TO VCC
CIRCUIT RESPONSE TO UNDERVOLTAGE
OR SHORT TO GROUND
TX_FAULT
Does not affect laser power.
Does not effect laser power.
TX_DISABLE
Modulation and bias currents are disabled.
Normal condition for circuit operation.
IN+
The optical average power increases and a fault occurs
if VPC_MON exceeds the threshold. The APC loop
responds by decreasing the bias current.
The optical average power decreases and the APC loop
responds by increasing the bias current. A fault state
occurs if VBC_MON exceeds the threshold voltage.
IN-
The optical average power decreases and the APC loop
responds by increasing the bias current. A fault state
occurs if VBC_MON exceeds the threshold voltage.
The optical average power increases and a fault occurs
if VPC_MON exceeds the threshold. The APC loop
responds by decreasing the bias current.
MD
This disables bias current. A fault state occurs.
The APC circuit responds by increasing bias current
until a fault is detected, then a fault* state occurs.
SHUTDOWN
Does not affect laser power. If the shutdown circuitry is
used, laser current is disabled.
Does not affect laser power.
BIAS
In this condition, laser forward voltage is 0V and no light
is emitted.
Fault state* occurs. If the shutdown circuitry is used,
laser current is disabled.
OUT+
The APC circuit responds by increasing the bias current
until a fault is detected, then a fault state* occurs.
Fault state* occurs. If the shutdown circuitry is used,
laser current is disabled.
OUT-
Does not affect laser power.
Does not affect laser power.
PC_MON
Fault state* occurs.
Does not affect laser power.
BC_MON
Fault state* occurs.
Does not affect laser power.
MC_MON
Fault state* occurs.
Does not affect laser power.
APCFILT1
IBIAS increases until VBC_MON exceeds the threshold
voltage.
IBIAS increases until VBC_MON exceeds the threshold
voltage.
APCFILT2
IBIAS increases until VBC_MON exceeds the threshold
voltage.
IBIAS increases until VBC_MON exceeds the threshold
voltage.
MODSET
Does not affect laser power.
Fault state* occurs.
APCSET
Does not affect laser power.
Fault state* occurs.
Table 2. Circuit Responses to Various Single-Point Faults
*
A fault state asserts the TX_FAULT pin, disables the modulation and bias currents, and asserts the SHUTDOWN pin.


Similar Part No. - MAX3737_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3737EGJ MAXIM-MAX3737EGJ Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
MAX3737ETJ MAXIM-MAX3737ETJ Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
More results

Similar Description - MAX3737_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3737 MAXIM-MAX3737 Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com