Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3204EEBT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3204EEBT
Description  Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3204EEBT Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX3204EEBT Datasheet HTML 1Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 2Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 3Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 4Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 5Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 6Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 7Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 8Page - Maxim Integrated Products MAX3204EEBT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
_______________________________________________________________________________________
7
Table 1. Reliability Test Data
TEST
CONDITIONS
DURATION
FAILURES PER SAMPLE SIZE
Temperature Cycle
-35°C to +85°C,
-40°C to +100°C
150 cycles,
900 cycles
0/10,
0/200
Operating Life
TA = +70°C
240hr
0/10
Moisture Resistance
-20°C to +60°C, 90% RH
240hr
0/10
Low-Temperature Storage
-20°C
240hr
0/10
Low-Temperature Operational
-10°C
24hr
0/10
Solderability
8hr steam age
0/15
ESD
±2000V, Human Body Model
0/5
High-Temperature Operating Life
TJ = +150°C
168hr
0/45
MAX3202E
VCC
GND
I/O1
I/O2
MAX3203E
VCC
GND
I/O1
I/O3
I/O2
MAX3204E
VCC
GND
I/O1
I/O2
I/O3
I/O4
MAX3206E
VCC
GND
I/O1
I/O2
I/O5
I/O6
I/O3
I/O4
Functional Diagrams
Chip Information
PROCESS: BiCMOS


Similar Part No. - MAX3204EEBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3204EEBT-T MAXIM-MAX3204EEBT-T Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
More results

Similar Description - MAX3204EEBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_09 Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com