Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3738 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3738
Description  155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3738 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3738_11 Datasheet HTML 2Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 3Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 4Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 5Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 6Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 7Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 8Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 9Page - Maxim Integrated Products MAX3738_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
155Mbps to 4.25Gbps SFF/SFP Laser Driver
with Extinction Ratio Control
6
_______________________________________________________________________________________
HOT PLUG WITH TX_DISABLE LOW
MAX3738 toc16
20ms/div
VCC
FAULT
TX_DISABLE
LASER
OUTPUT
0V
3.3V
t_init = 59.6ms
LOW
LOW
TRANSMITTER ENABLE
MAX3738 toc17
10
μs/div
VCC
FAULT
TX_DISABLE
LASER
OUTPUT
3.3V
t_on = 23.8
μs
LOW
HIGH
LOW
TRANSMITTER DISABLE
MAX3738 toc18
20ns/div
VCC
FAULT
TX_DISABLE
LASER
OUTPUT
3.3V
91.2ns
LOW
HIGH
LOW
RESPONSE TO FAULT
MAX3738 toc19
400ns/div
VPC_MON
FAULT
TX_DISABLE
LASER
OUTPUT
t_fault = 160ns
EXTERNALLY
FORCED FAULT
FAULT RECOVERY TIME
MAX3738 toc20
40ms/div
VPC_MON
FAULT
TX_DISABLE
LASER
OUTPUT
t_init = 58ms
EXTERNALLY
FORCED FAULT
LOW
LOW
LOW
HIGH
HIGH
Typical Operating Characteristics (continued)
(VCC = +3.3V, CAPC = 0.01µF, IBIAS = 20mA, IMOD = 30mA, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX3738_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3738ETG MAXIM-MAX3738ETG Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3738ETG MAXIM-MAX3738ETG Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3738ETG++ MAXIM-MAX3738ETG+ Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
More results

Similar Description - MAX3738_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3737 MAXIM-MAX3737 Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
MAX3737 MAXIM-MAX3737_11 Datasheet
509Kb / 16P
   Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Maxim Integrated Produc...
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com