Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3946 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3946
Description  1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3946 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3946_11 Datasheet HTML 4Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 5Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 6Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 7Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 8Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 9Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 10Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 11Page - Maxim Integrated Products MAX3946_11 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8 ______________________________________________________________________________________
1Gbps to 11.3Gbps, SFP+ Laser Driver
with Laser Impedance Mismatch Tolerance
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, data pattern = 27 - 1 PRBS + 72 zeros + 27 - 1 PRBS (inverted) +72 ones, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
(IMOD = 40mAP-P, IBIAS = 60mA)
TEMPERATURE (°C)
95
80
65
50
35
20
5
-10
-25
60
70
80
90
100
50
-40
CURRENT INTO VCC, VCCT, AND VCCD PINS
TOTAL CURRENT vs. TEMPERATURE
(IMOD AT LOAD = 40mAP-P, IBIAS = 60mA)
TEMPERATURE (°C)
95
80
-25 -10 5
35 50
20
65
150
160
170
180
190
200
210
220
140
-40
CURRENT INTO VCC, VCCT, AND VCCD PINS
PLUS MODULATION AND BIAS CURRENT
25
Ω LOAD
5
Ω LOAD
EYE CROSSING PERCENT
vs. SET_PWCTRL
SET_PWCTRL[3:0]
30
35
40
45
50
55
60
65
70
75
25
BIAS CURRENT
vs. DAC SETTING
SET_IBIAS[8:0]
400
200
20
40
60
80
100
120
0
0
600
MODULATION CURRENT (AT LOAD)
vs. DAC SETTING
SET_IMOD[8:0]
400
200
10
20
30
40
50
60
70
80
90
0
0
600
RLOAD = 25Ω
DIFFERENTIAL
RLOAD = 50Ω
DIFFERENTIAL
MODULATION CURRENT DEEMPHASIS
vs. MANUAL DEEMPHASIS SETTING
SET_TXDE[5:0]
30
20
1
2
3
4
5
6
7
8
9
10
0
10
40
SET_IMOD[8:0] = 230d
TXDE_MD[1:0] = 2d
BIAS MONITOR CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
95
80
65
50
35
20
5
-25 -10
100
200
300
400
500
600
700
0
-40
IBIAS = 60mA
IBIAS = 30mA
IBIAS = 10mA
EDGE SPEED
vs. MODULATION CURRENT
IMOD (mA)
80
60
40
20
15
20
25
30
35
40
10
0
100
FALL TIME
RISE TIME
25
Ω LOAD, 20% TO 80%
10Gbps, 11111 00000 PATTERN
EDGE SPEED
vs. DEEMPHASIS SETTING
SET_TXDE[5:0]
30
20
15
20
25
30
35
40
10
10
40
FALL TIME
RISE TIME
SET_IMOD[8:0] = 230d
25
Ω LOAD, 20% TO 80%
10Gbps, 1111 0000 PATTERN


Similar Part No. - MAX3946_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946ETG++ MAXIM-MAX3946ETG+ Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
More results

Similar Description - MAX3946_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
   11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com