Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4063 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4063
Description  Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4063 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4063 Datasheet HTML 1Page - Maxim Integrated Products MAX4063 Datasheet HTML 2Page - Maxim Integrated Products MAX4063 Datasheet HTML 3Page - Maxim Integrated Products MAX4063 Datasheet HTML 4Page - Maxim Integrated Products MAX4063 Datasheet HTML 5Page - Maxim Integrated Products MAX4063 Datasheet HTML 6Page - Maxim Integrated Products MAX4063 Datasheet HTML 7Page - Maxim Integrated Products MAX4063 Datasheet HTML 8Page - Maxim Integrated Products MAX4063 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX4063 is a differential-input microphone preampli-
fier optimized for high-performance, portable applica-
tions. The device features two selectable inputs,
differential outputs, adjustable gain, an integrated low-
noise bias source, and a low-power shutdown mode.
Two input paths provide both differential and single-
ended microphone sensing. The high-noise rejection of
the differential input is ideally suited to an internal micro-
phone where system noise and long-run PC board traces
can degrade low-level signals. The single-ended input
provides a simple connection to an external microphone.
The differential and single-ended inputs have indepen-
dent, adjustable gains that are set with a single external
resistor. Differential outputs provide a full-scale signal of
up to 6VP-P from a single 3V supply, optimizing the
dynamic range of the amplified signal. A complete shut-
down mode reduces the supply current to only 0.3µA
and disables the microphone bias for the ultimate in
power savings.
The MAX4063 operates from 2.4V to 5.5V and is specified
over the extended -40°C to +85°C operating temperature
range. The MAX4063 is available in both 16-pin TQFN
(4mm x 4mm x 0.8mm) and 14-pin TSSOP packages.
Applications
Features
o 2.4V to 5.5V Single-Supply Operation
o Differential Inputs and Outputs
o Adjustable Gain
o High 95dB PSRR
o High 79dB CMRR
o Low-Noise, Integrated Microphone Bias
o 750µA Supply Current
o 0.3µA Shutdown Current
o ±4kV ESD Protection (AUX_IN)
o THD+N: 0.05% at 1kHz
o Available in Space-Saving Packages
14-Pin TSSOP
16-Pin TQFN (4mm x 4mm x 0.8mm)
Differential Microphone Preamplifier with
Internal Bias and Complete Shutdown
________________________________________________________________
Maxim Integrated Products
1
IN-
IN+
BIAS
10
9
5
AUX_IN
12
SHDN
3
6
VBIAS
VCC
2.4V TO 5.5V
MAX4063
INT/AUX 2
OUT 8
OUT 4
ADJ
7
RG
GND
11
1
14
G1 G2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
G1
N.C.
AUX_IN
GND
OUT
SHDN
INT/AUX
G2
MAX4063
IN-
IN+
OUT
ADJ
VCC
BIAS
TSSOP
+
Typical Operating Circuit
Ordering Information
19-2753; Rev 1; 6/11
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Notebook Audio Systems
Tablet PCs
PDA Audio Systems
Signal Conditioning
PART
TEMP RANGE
PIN-PACKAGE
MAX4063ETE+
-40°C to +85°C
16 TQFN-EP*
MAX4063EUD+
-40°C to +85°C
14 TSSOP
Pin Configurations
Pin Configurations continued at end of data sheet.
*EP = Exposed pad.
+
Denotes a lead(pB)-free/RoHS-compliant package.


Similar Part No. - MAX4063

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063ETE MAXIM-MAX4063ETE Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063EUD MAXIM-MAX4063EUD Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
More results

Similar Description - MAX4063

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com