Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4063EUD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4063EUD
Description  Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4063EUD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4063EUD Datasheet HTML 4Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 5Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 6Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 7Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 8Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 9Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 10Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 11Page - Maxim Integrated Products MAX4063EUD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Differential Microphone Preamplifier with
Internal Bias and Complete Shutdown
8
_______________________________________________________________________________________
book PCs or PDAs. Used correctly, the advantages
over a single-ended solution are:
• Better power-supply noise rejection.
• Less degradation from noise in PC board ground
planes.
• The microphone and preamplifier may be placed
physically further apart, easing PC board layout
restrictions.
Differential-Gain Adjustment
The MAX4063 allows the user to alter the differential
gain to optimize the signal-to-noise ratio (SNR) of their
system. The gain is set by a single external resistor
(RG) connected between the G1 and G2 pins:
where AV is the required voltage gain.
Hence, an 11.11k
Ω resistor yields a gain of 20V/V, or
26dB. Leaving the pins unconnected results in a gain of
2V/V. Gain is defined as:
For differential out:
The resistor can be either fixed or variable, allowing the
use of a digitally controlled potentiometer to alter the
gain under software control.
Auxiliary Input-Gain Adjustment
The MAX4063 provides an option to increase the
AUX_IN (see Figure 3). To increase the gain, connect
resistor RADJ between the ADJ and AUX_IN pins. RADJ is
calculated from the following formula:
R
2M
AV
ADJ
AUX
=
20
()
to increase the gain
A
V
V
VD
OUT
OUT
IN+
IN-
=
V
V
R
200k
A
G
VD
=
2
BIAS
BIAS
AUX_IN
12
IN-
IN+
10
9
6
VCC
2.4V TO 5.5V
MAX4063
2
INT/AUX
8
OUT
OUT
ADJ
4
7
GND
11
SHDN
SHDN
VCC
3
BIAS
5
VBIAS
G2
G1
1
14
RG
Functional Diagram


Similar Part No. - MAX4063EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063EUD MAXIM-MAX4063EUD Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
More results

Similar Description - MAX4063EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com