Electronic Components Datasheet Search |
|
C61157-A7-A68 Datasheet(PDF) 3 Page - EPCOS |
|
C61157-A7-A68 Datasheet(HTML) 3 Page - EPCOS |
3 / 9 page 3 July 27, 2010 B1644 2338.75 MHz SAW Components SAW RF low loss filter Data sheet Please read cautions and warnings and important notes at the end of this document. Application s Low-loss RF filter for digital radio s Impedance transformation from 50 Ω to 100 Ω s Unbalanced to balanced operation s Very low insertion attenuation s Low amplitude ripple s Usable passband 12.5 MHz s no matching network required Features s Package size 3.0 x3.0 x 1.1 mm3 s Maximum height of 1.225 mm s Package code DCC6D s RoHS compatible s Approximate weight 0.037 g s Package for Surface Mount Technology (SMT) s Ni, gold-plated terminals s AEC-Q200 qualified component family s Electrostatic Sensitive Device (ESD) Pin configuration s 2 Input unbalanced s 4,6 Output balanced s 1,3,5 To be grounded 1,3,5 2 4 6 |
Similar Part No. - C61157-A7-A68 |
|
Similar Description - C61157-A7-A68 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |