Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRC231S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRC231S
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC231S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC231S_02 Datasheet HTML 1Page - KEC(Korea Electronics) KRC231S_02 Datasheet HTML 2Page - KEC(Korea Electronics) KRC231S_02 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 5. 14
1/3
SEMICONDUCTOR
TECHNICAL DATA
KRC231S~KRC235S
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
SWITCHING APPLICATION.
AUDIO MUTING APPLICATION.
INTERFACE CIRCUIT AND DRIVER
CIRCUIT APPLICATION.
FEATURES
・With Built-in Bias Resistors.
・Simplify Circuit Design.
・Reduce a Quantity of Parts and Manufacturing Process.
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
L
L
P
P
P
7
+_
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25℃)
R1
C
E
B
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
600
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
TYPE
KRC231S
KRC232S
KRC233S
KRC234S
KRC235S
MARK
NW
NY
NZ
NNA
NNB
MARK SPEC
Type Name
Marking
Lot No.
Lot No.
Type Name


Similar Part No. - KRC231S_02

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC231S KEC-KRC231S Datasheet
202Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRC231S_02

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com