Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5974A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5974A
Description  Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5974A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5974A_11 Datasheet HTML 5Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 6Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 7Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 8Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 9Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 10Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 11Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 12Page - Maxim Integrated Products MAX5974A_11 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Active-Clamped, Spread-Spectrum,
Current-Mode PWM Controllers
9
Typical Operating Characteristics (continued)
(VIN = 12V (for MAX5974A/MAX5974C, bring VIN up to 17V for startup), VCS = VCSSC = VDITHER/SYNC = VFB = VFFB = VDCLMP =
VGND, VEN = 2V, NDRV = AUXDRV = SS = COMP = unconnected, RRT = 34.8kI, RDT = 25kI, unless otherwise noted.)
TRANSCONDUCTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.0
-40
85
MAX5974C/MAX5974D
MAX5974A/MAX5974B
TRANSCONDUCTANCE HISTOGRAM
(MAX5974A/MAX5974B)
TRANSCONDUCTANCE (mS)
2.64
2.62
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
5
10
15
20
25
0
2.44
TRANSCONDUCTANCE HISTOGRAM
(MAX5974C/MAX5974D)
TRANSCONDUCTANCE (mS)
2.76
2.74
2.72
2.70
2.68
2.66
2.64
2.62
2.60
2.58
5
10
15
20
25
0
2.56
ENABLE RESPONSE
MAX5974A/B/C/D toc31
VEN
5V/div
VNDRV
10V/div
VAUXDRV
10V/div
VOUT
5V/div
200µs/div
VSS RAMP RESPONSE
MAX5974A/B/C/D toc33
10µs/div
VSS
2V/div
VNDRV
10V/div
VAUXDRV
10V/div
SHUTDOWN RESPONSE
MAX5974A/B/C/D toc32
100µs/div
VEN
5V/div
VNDRV
10V/div
VAUXDRV
10V/div
VOUT
5V/div
VDCLMP RAMP RESPONSE
MAX5974A/B/C/D toc34
10µs/div
VDCLMP
2V/div
VNDRV
10V/div
VAUXDRV
10V/div


Similar Part No. - MAX5974A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5974AATE++ MAXIM-MAX5974AATE+ Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
MAX5974AETE++ MAXIM-MAX5974AETE+ Datasheet
2Mb / 26P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 0; 6/10
MAX5974AETE++ MAXIM-MAX5974AETE+ Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
MAX5974AEVKIT# MAXIM-MAX5974AEVKIT# Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
More results

Similar Description - MAX5974A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5974A MAXIM-MAX5974A Datasheet
2Mb / 26P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 0; 6/10
MAX5974A MAXIM-MAX5974A_V01 Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com