Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5974DETE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5974DETE
Description  Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5974DETE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5974DETE Datasheet HTML 1Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 2Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 3Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 4Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 5Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 6Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 7Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 8Page - Maxim Integrated Products MAX5974DETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Active-Clamped, Spread-Spectrum,
Current-Mode PWM Controllers
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V (for MAX5974A/MAX5974C, bring VIN up to 17V for startup), VCS = VCSSC = VDITHER/SYNC = VFB = VFFB = VDCLMP =
VGND, VEN = +2V, NDRV = AUXDRV = SS = COMP = unconnected, RRT = 34.8kI, RDT = 25kI, CIN = 1FF, TA = -40NC to +85NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NDRV Switching Frequency
Accuracy
-8
+8
%
Maximum Duty Cycle
DMAX
fSW = 250kHz
79
80
82
%
SYNCHRONIZATION (SYNC)
Synchronization Logic-High
Input
VIH-SYNC
2.91
V
Synchronization Pulse Width
50
ns
Synchronization Frequency
Range
fSYNCIN
1.1 x
fSW
2 x
fSW
kHz
Maximum Duty Cycle During
Synchronization
DMAX x fSYNC/
fSW
%
DITHERING RAMP GENERATOR (DITHER)
Charging Current
VDITHER = 0V
45
50
55
F
A
Discharging Current
VDITHER = 2.2V
43
50
57
F
A
Ramp’s High Trip Point
2
V
Ramp’s Low Trip Point
0.4
V
SOFT-START AND RESTART (SS)
Charging Current
ISS-CH
9.5
10
10.5
F
A
Discharging Current
ISS-D
VSS = 2V, normal shutdown
0.65
1.34
2
mA
ISS-DH
(VEN < VENF or VIN < VINUVF),
VSS = 2V, hiccup mode discharge for
tRSTRT (Note 3)
1.6
2
2.4
F
A
Discharge Threshold to Disable
Hiccup and Restart
VSS-DTH
0.15
V
Minimum Restart Time During
Hiccup Mode
tRSTRT-MIN
1024
Clock
Cycles
Normal Operating High Voltage
VSS-HI
5
V
Duty-Cycle Control Range
VSS-DMAX
DMAX (typ) = (VSS-DMAX/2.43V)
0
2
V
DUTY-CYCLE CLAMP (DCLMP)
DCLMP Input Current
IDCLMP
VDCLMP = 0 to 5V
-100
0
+100
nA
Duty-Cycle Control Range
VDCLMP-R
VDCLMP = 0.5V
73
75.4
77.5
%
DMAX (typ) =
1 - (VDCLMP/2.43V)
VDCLMP = 1V
54
56
58
VDCLMP = 2V
14.7
16.5
18.3
NDRV DRIVER
Pulldown Impedance
RNDRV-N
INDRV (sinking) = 100mA
1.9
3.4
I
Pullup Impedance
RNDRV-P
INDRV (sourcing) = 50mA
4.7
8.3
I
Peak Sink Current
1
A
Peak Source Current
0.65
A
Fall Time
tNDRV-F
CNDRV = 1nF
14
ns
Rise Time
tNDRV-R
CNDRV = 1nF
27
ns


Similar Part No. - MAX5974DETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5974DETE++ MAXIM-MAX5974DETE+ Datasheet
2Mb / 26P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 0; 6/10
MAX5974DETE++ MAXIM-MAX5974DETE+ Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
More results

Similar Description - MAX5974DETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5974A MAXIM-MAX5974A Datasheet
2Mb / 26P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 0; 6/10
MAX5974A MAXIM-MAX5974A_V01 Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com