Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C61157-A7-A68 Datasheet(PDF) 4 Page - EPCOS

Part # C61157-A7-A68
Description  SAW RF low loss filter Satellite CSS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A68 Datasheet(HTML) 4 Page - EPCOS

  C61157-A7-A68 Datasheet HTML 1Page - EPCOS C61157-A7-A68 Datasheet HTML 2Page - EPCOS C61157-A7-A68 Datasheet HTML 3Page - EPCOS C61157-A7-A68 Datasheet HTML 4Page - EPCOS C61157-A7-A68 Datasheet HTML 5Page - EPCOS C61157-A7-A68 Datasheet HTML 6Page - EPCOS C61157-A7-A68 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
October 01, 2010
B1666
1420.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Matching Network (element values depend on PCB layout)
Transfer function
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) according to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power at
1390.0 MHz...1450.0 MHz
PIN
0
dBm
source impedance 200
Lp = 22 nH
Lp


Similar Part No. - C61157-A7-A68

ManufacturerPart #DatasheetDescription
logo
EPCOS
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
63Kb / 7P
   SAW RF low loss filter
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
72Kb / 7P
   SAW RF low loss filter Satellite CSS
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
69Kb / 7P
   SAW RF low loss filter
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
79Kb / 8P
   SAW RF filter Automotive telematics
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
64Kb / 7P
   SAW RF low loss filter
More results

Similar Description - C61157-A7-A68

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1652 EPCOS-B1652 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1661 EPCOS-B1661 Datasheet
65Kb / 7P
   SAW RF low loss filter Satellite CSS
B1654 EPCOS-B1654 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1658 EPCOS-B1658 Datasheet
63Kb / 7P
   SAW RF low loss filter Satellite CSS
B1668 EPCOS-B1668 Datasheet
72Kb / 7P
   SAW RF low loss filter Satellite CSS
B1655 EPCOS-B1655 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1656 EPCOS-B1656 Datasheet
57Kb / 7P
   SAW RF low loss filter Satellite CSS
B1667 EPCOS-B1667 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1653 EPCOS-B1653 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1657 EPCOS-B1657 Datasheet
58Kb / 7P
   SAW RF low loss filter Satellite CSS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com