Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS982C3R Datasheet(PDF) 5 Page - Fuji Electric

Part # TS982C3R
Description  Low-Loss Fast Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS982C3R Datasheet(HTML) 5 Page - Fuji Electric

  TS982C3R Datasheet HTML 1Page - Fuji Electric TS982C3R Datasheet HTML 2Page - Fuji Electric TS982C3R Datasheet HTML 3Page - Fuji Electric TS982C3R Datasheet HTML 4Page - Fuji Electric TS982C3R Datasheet HTML 5Page - Fuji Electric TS982C3R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
5
TS982C3R
http://www.fujisemi.com
FUJI Diode
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
Rth j-c:1.75℃/W
Transient Thermal Impedance (max.)
t
Time (sec)


Similar Part No. - TS982C3R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TS982C4R FUJI-TS982C4R Datasheet
548Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R Datasheet
393Kb / 12P
   SILICON DIODE
TS982C6R FUJI-TS982C6R Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R_10 Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Similar Description - TS982C3R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PH975C6 FUJI-PH975C6_10 Datasheet
531Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
   Low-Loss Fast Recovery Diode
YG912S6RR FUJI-YG912S6RR Datasheet
662Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C6R FUJI-YG982C6R Datasheet
699Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
YA982S6R FUJI-YA982S6R_10 Datasheet
711Kb / 6P
   Low-Loss Fast Recovery Diode
PG985C3R FUJI-PG985C3R Datasheet
525Kb / 6P
   Low-Loss Fast Recovery Diode
YG971S8R FUJI-YG971S8R Datasheet
853Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C3R FUJI-YG982C3R Datasheet
666Kb / 6P
   Low-Loss Fast Recovery Diode
TS906C3R FUJI-TS906C3R Datasheet
559Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C4R FUJI-TS982C4R Datasheet
548Kb / 6P
   Low-Loss Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com