Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS102A Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS102A
Description  ACS102A Fiber Modem
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS102A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button ACS102A Datasheet HTML 4Page - Semtech Corporation ACS102A Datasheet HTML 5Page - Semtech Corporation ACS102A Datasheet HTML 6Page - Semtech Corporation ACS102A Datasheet HTML 7Page - Semtech Corporation ACS102A Datasheet HTML 8Page - Semtech Corporation ACS102A Datasheet HTML 9Page - Semtech Corporation ACS102A Datasheet HTML 10Page - Semtech Corporation ACS102A Datasheet HTML 11Page - Semtech Corporation ACS102A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
2
Advanced Communications
ACS102A Data Sheet
Single Fiber link
Link Budget Example (Rtrc set so LED launch current = 50mA peak)
Fiber type
Plastic
Glass
Glass
Fiber size
1000 micron
62.5micron
50 micron
Minimum Transmit Couple power to fiber (µW)
1000
60
40
Minimum LED responsivity (A/W)
0.01
0.16
0.16
Minimum ACS102A sensitivity (nA)
500
500
500
Minimum input power to ACS102A amplifier (µW)
50
3.1
3.1
Link Budget (dB)
10
13
11
Average current consumption TxD = 19.2kbps (mA)
3.8
3.8
3.8
Average current consumption TxD = 64kbps (mA)
7.2
7.2
7.2
Dual Fiber link optimised for performance
Link Budget Example (Rtrc set so LED launch current = 100mA peak)
Fiber type
Plastic
Glass
Glass
Fiber size
1000 micron
62.5 micron
50 micron
Minimum Transmit Couple power to fiber (µW)
1000
120
80
Minimum PIN responsivity (A/W)
0.1
0.6
0.6
Minimum ACS102A sensitivity (nA)
500
500
500
Minimum input power to ACS102A amplifier (µW)
5
0.83
0.83
Link Budget (dB)
23
21
19.8
Average current consumption TxD = 19.2kbps (mA)
7
7
7
Average current consumption TxD = 64kbps (mA)
14
14
7.6
Dual Fiber link optimised for low power & low cost optical components
Link Budget Example (Rtrc set so LED launch current = 12.5mA peak)
Fiber type
Plastic
Glass
Glass
Fiber size
1000 micron
62.5micron
50 micron
Minimum Transmit Couple power to fiber (µW)
125
13
6.5
Minimum PIN responsivity (A/W)
0.1
0.6
0.6
Minimum ACS102A sensitivity (nA)
500
500
500
Minimum input power to ACS102A amplifier (µW)
5
0.83
0.83
Link Budget (dB)
13.9
12
9
Average current consumption TxD = 19.2kbps (mA)
2.2
2.2
2.2
Average current consumption TxD = 64kbps (mA)
3.4
3.4
3.4
Calculating average current and power consumption
Average current
I
av (mA)
=
XTAL* 10 -7 (1.3 + 3*(A + U *H ) ) + I
trc (A + U * H) + Iout + Ihbt
Power
P (mW)
=
I
av (mA)
* V
Terms used in current/power calculation:
XTAL
=
Crystal Oscillator Frequency, Hz
I
out
=
Average current sourced
mA
H
=
Handshake on
from digital outputs such
H=1 for handshakes active
as (RxD,CTS,DSR,DCD)
H=0 for handshakes at DC level
I
hbt
=
Average current sourced
mA
U
=
Handshake constant
from HBT pin.
U = 0.001
when HD 2/1 = 0/0
(see section HBT Status pin)
U = 0.028
when HD 2/1 = 0/1
U = 0.014
when HD 2/1 = 1/0
I
trc
=
Peak Transmit current
mA
U = 0.007
when HD 2/1 = 1/1
set by TRC pin.
A
=
Active window constant
A = 0.022
when DR 3/2/1 = 0/1/1
V
=
Voltage supply to the ACS102 V
A = 0.03
when DR 3/2/1 = 1/0/0
Power formula is only accurate
A = 0.045
when DR 3/2/1 = 1/0/1
for voltage supply = 5 Volts
A = 0.08
when DR 3/2/1 = 1/1/0
A = 0.11
when DR 3/2/1 = 1/1/1
Note :
An application note on power extraction from the RS232 lines is available from Acapella. This shows a typical example
circuit diagram for powering the ACS102A, the optics and all related circuitry from the RS232 data lines.


Similar Part No. - ACS102A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA-TR STMICROELECTRONICS-ACS102-5TA-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
More results

Similar Description - ACS102A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS104A SEMTECH-ACS104A Datasheet
146Kb / 12P
   ACS104A Fiber Modem
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com